Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP4541 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP4541
Description  7/8-Bit Single/Dual I2C Digital POT with Nonvolatile Memory
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4541 Datasheet(HTML) 3 Page - Microchip Technology

  MCP4541 Datasheet HTML 1Page - Microchip Technology MCP4541 Datasheet HTML 2Page - Microchip Technology MCP4541 Datasheet HTML 3Page - Microchip Technology MCP4541 Datasheet HTML 4Page - Microchip Technology MCP4541 Datasheet HTML 5Page - Microchip Technology MCP4541 Datasheet HTML 6Page - Microchip Technology MCP4541 Datasheet HTML 7Page - Microchip Technology MCP4541 Datasheet HTML 8Page - Microchip Technology MCP4541 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
 2008-2013 Microchip Technology Inc.
DS22107B-page 3
MCP454X/456X/464X/466X
1.0
ELECTRICAL CHARACTERISTICS
1.1
Absolute Maximum Ratings†
Voltage on VDD with respect to VSS ........................................................................................................... -0.6V to +7.0V
Voltage on HVC/A0, A1, A2, SCL, SDA and WP with respect to VSS ....................................................... -0.6V to 12.5V
Voltage on all other pins (PxA, PxW, and PxB) with respect to VSS ..................................................-0.3V to VDD + 0.3V
Input clamp current, IIK (VI < 0, VI > VDD, VI > VPP ON HV pins)...........................................................................±20 mA
Output clamp current, IOK (VO < 0 or VO > VDD) ..................................................................................................±20 mA
Maximum output current sunk by any Output pin.................................................................................................... 25 mA
Maximum output current sourced by any Output pin ............................................................................................. 25 mA
Maximum current out of VSS pin ...........................................................................................................................100 mA
Maximum current into VDD pin ..............................................................................................................................100 mA
Maximum current into PXA, PXW & PXB pins ...................................................................................................... ±2.5 mA
Storage temperature ............................................................................................................................... -65°C to +150°C
Ambient temperature with power applied................................................................................................-40°C to +125°C
Package power dissipation (TA = +50°C, TJ = +150°C)
MSSOP-8 ....................................................................................................................................................... 473 mW
MSSOP-10 ..................................................................................................................................................... 495 mW
DFN-8 (3x3) ......................................................................................................................................................1.76W
DFN-10 (3x3) .................................................................................................................................................... 1.87W
TSSOP-14......................................................................................................................................................... 1.00W
QFN-16 (4x4) .................................................................................................................................................... 2.18W
Soldering temperature of leads (10 seconds) ....................................................................................................... +300°C
ESD protection on all pins
4 kV (HBM),
300V (MM)
Maximum Junction Temperature (TJ) ................................................................................................................... +150°C
† Notice: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at those or any other conditions above those indicated in
the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended peri-
ods may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com