Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2561 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP2561
Description  High-Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2561 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP2561 Datasheet HTML 9Page - Microchip Technology MCP2561 Datasheet HTML 10Page - Microchip Technology MCP2561 Datasheet HTML 11Page - Microchip Technology MCP2561 Datasheet HTML 12Page - Microchip Technology MCP2561 Datasheet HTML 13Page - Microchip Technology MCP2561 Datasheet HTML 14Page - Microchip Technology MCP2561 Datasheet HTML 15Page - Microchip Technology MCP2561 Datasheet HTML 16Page - Microchip Technology MCP2561 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
 2013 Microchip Technology Inc.
DS25167B-page 13
MCP2561/2
FIGURE 2-3:
TEST LOAD CONDITIONS
FIGURE 2-4:
TEST CIRCUIT FOR ELECTRICAL CHARACTERISTICS
2.3
AC Characteristics
Electrical Characteristics: Extended (E): TAMB = -40°C to +125°C and High (H): TAMB = -40°C to +150°C;
VDD = 4.5V to 5.5V, VIO = 1.8V to 5.5V (Note 2), RL = 60
; unless otherwise specified.
Param.
No.
Sym
Characteristic
Min
Typ
Max
Units
Conditions
1tBIT
Bit Time
1
—
69.44
µs
2fBIT
Bit Frequency
14.4
—
1000
kHz
3tTXD-BUSON
Delay TXD Low to Bus Dominant
—
—
70
ns
4tTXD-BUSOFF Delay TXD High to Bus Recessive
—
—
125
ns
5tBUSON-RXD
Delay Bus Dominant to RXD
—
—
70
ns
6tBUSOFF-RXD Delay Bus Recessive to RXD
——
110
ns
7tTXD - RXD
Propagation Delay TXD to RXD
—
—
125
ns
Negative edge on TXD
8
—
—
235
Positive edge on TXD
9tFLTR(WAKE)
Delay Bus Dominant to RXD
(Standby mode)
0.5
1
4
µs
Standby mode
10
tWAKE
Delay Standby
to Normal Mode
5
25
40
µs
Negative edge on STBY
11
tPDT
Permanent Dominant Detect Time
—
1.25
—
ms
TXD = 0V
12
tPDTR
Permanent Dominant Timer Reset
—
100
—
ns
The shortest recessive
pulse on TXD or CAN bus
to reset Permanent
Dominant Timer
VDD/2
CL
RL
Pin
Pin
VSS
VSS
CL
RL =464
CL = 50 pF
for all digital pins
Load Condition 1
Load Condition 2
GND
RXD
SPLIT
TXD
RL
100 pF
30 pF
CANH
CANL
CAN
Transceiver
0.1 µF
VDD
STBY
Note: On MCP2562, VIO is connected to VDD.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com