Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP2562 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP2562
Description  High-Speed CAN Transceiver
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP2562 Datasheet(HTML) 1 Page - Microchip Technology

  MCP2562 Datasheet HTML 1Page - Microchip Technology MCP2562 Datasheet HTML 2Page - Microchip Technology MCP2562 Datasheet HTML 3Page - Microchip Technology MCP2562 Datasheet HTML 4Page - Microchip Technology MCP2562 Datasheet HTML 5Page - Microchip Technology MCP2562 Datasheet HTML 6Page - Microchip Technology MCP2562 Datasheet HTML 7Page - Microchip Technology MCP2562 Datasheet HTML 8Page - Microchip Technology MCP2562 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
 2013 Microchip Technology Inc.
DS25167B-page 1
MCP2561/2
Features:
• Supports 1 Mb/s Operation
• Implements ISO-11898-5 Standard Physical Layer
Requirements
• Very Low Standby Current (5 µA, typical)
•VIO Supply Pin to Interface Directly to
CAN Controllers and Microcontrollers with
1.8V to 5.5V I/O
• SPLIT Output Pin to Stabilize Common Mode in
Biased Split Termination Schemes
• CAN Bus Pins are Disconnected when Device is
Unpowered
- An Unpowered Node or Brown-Out Event will
Not Load the CAN Bus
• Detection of Ground Fault:
- Permanent Dominant Detection on TXD
- Permanent Dominant Detection on Bus
• Power-on Reset and Voltage Brown-Out
Protection on VDD and VIO Pin
• Protection Against Damage Due to Short-Circuit
Conditions (Positive or Negative Battery Voltage)
• Protection Against High-Voltage Transients in
Automotive Environments
• Automatic Thermal Shutdown Protection
• Suitable for 12V and 24V Systems
• Meets or exceeds stringent automotive design
requirements including “Hardware Requirements
for LIN, CAN and FlexRay Interfaces in Automo-
tive Applications”, Version 1.3, May 2012
• High-Noise Immunity Due to Differential Bus
Implementation
• High ESD Protection on CANH and CANL, Meets
IEC61000-4-2 greater ±8 kV
• Available in PDIP-8L, SOIC-8L and 3x3 DFN-8L
• Temperature ranges:
- Extended (E): -40°C to +125°C
- High (H): -40°C to +150°C
Description:
The MCP2561/2 is a Microchip Technology Inc. second
generation high-speed CAN transceiver. It serves as an
interface between a CAN protocol controller and the
physical two-wire CAN bus.
The device meets the automotive requirements for
high-speed (up to 1 Mb/s), low quiescent current,
electromagnetic compatibility (EMC) and electrostatic
discharge (ESD).
Package Types
MCP2561/2 Family Members
MCP2562
PDIP, SOIC
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 VIO
STBY
TXD
MCP2561
PDIP, SOIC
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 SPLIT
STBY
TXD
MCP2561
3x3 DFN*
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 SPLIT
STBY
TXD
EP
9
MCP2562
3x3 DFN*
VDD
VSS
RXD
CANH
CANL
1
2
3
4
8
7
6
5 VIO
STBY
TXD
EP
9
* Includes Exposed Thermal Pad (EP); see Table 1-2
Device
Feature
Description
MCP2561
Split pin
Common mode stabilization
MCP2562
VIO pin
Internal level shifter on digital I/O pins
Note: For ordering information, see the “Product Identification System” section on page 27.
High-Speed CAN Transceiver


Similar Part No. - MCP2562

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP2562FD MICROCHIP-MCP2562FD Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2562FD-E/MF MICROCHIP-MCP2562FD-E/MF Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2562FD-E/P MICROCHIP-MCP2562FD-E/P Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2562FD-E/SN MICROCHIP-MCP2562FD-E/SN Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
MCP2562FD-H/MF MICROCHIP-MCP2562FD-H/MF Datasheet
1Mb / 32P
High-Speed CAN Flexible Data Rate Transceiver
03/25/14
More results

Similar Description - MCP2562

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA6660 ATMEL-ATA6660_06 Datasheet
242Kb / 12P
High-speed Can Transceiver
logo
Microchip Technology
MCP2551 MICROCHIP-MCP2551_07 Datasheet
279Kb / 24P
High-Speed CAN Transceiver
2007
logo
Infineon Technologies A...
IFX1050G INFINEON-IFX1050G Datasheet
1Mb / 15P
High Speed CAN-Transceiver
Rev. 1.0, 2009-05-14
TLE8250G INFINEON-TLE8250G Datasheet
1Mb / 23P
High Speed CAN-Transceiver
Rev. 1.0, 2010-06-02
TLE7250GVIO INFINEON-TLE7250GVIO Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.0, 2012-03-14
TLE7250GVIO INFINEON-TLE7250GVIO_15 Datasheet
1Mb / 23P
High Speed CAN Transceiver
Rev. 1.1, 2014-05-07
TLE9250 INFINEON-TLE9250 Datasheet
1Mb / 28P
High Speed CAN Transceiver
Rev. 1.0 2017-08-09
TLE8250GVIO INFINEON-TLE8250GVIO_16 Datasheet
946Kb / 26P
High Speed CAN-Transceiver
Rev. 1.11 2016-12-29
logo
NXP Semiconductors
TJR1441 NXP-TJR1441 Datasheet
354Kb / 31P
High-speed CAN transceiver
TJA1057 NXP-TJA1057 Datasheet
223Kb / 25P
High-speed CAN transceiver
Rev. 6-24 August 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com