Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6494 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6494
Description  7.5 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6494 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6494 Datasheet HTML 1Page - Microchip Technology MCP6494 Datasheet HTML 2Page - Microchip Technology MCP6494 Datasheet HTML 3Page - Microchip Technology MCP6494 Datasheet HTML 4Page - Microchip Technology MCP6494 Datasheet HTML 5Page - Microchip Technology MCP6494 Datasheet HTML 6Page - Microchip Technology MCP6494 Datasheet HTML 7Page - Microchip Technology MCP6494 Datasheet HTML 8Page - Microchip Technology MCP6494 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002321C-page 3
MCP6491/2/4
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS ................................................................................................................................... ......................................................6.5V
Current at Input Pins ................................................................................................................ ......................................................±2 mA
Analog Inputs (VIN+, VIN-) (Note 1) .................................................................................................................VSS – 1.0V to VDD +1.0V
All Other Inputs and Outputs ...........................................................................................................................VSS – 0.3V to VDD +0.3V
Difference Input Voltage...........................................................................................................................................................VDD –VSS
Output Short-Circuit Current ................................................................................................................ ...................................continuous
Current at Output and Supply Pins ............................................................................................................... ..............................±60 mA
Storage Temperature ................................................................................................................ .....................................-65°C to +150°C
Maximum Junction Temperature (TJ)................................................................................................................ ...........................+150°C
ESD protection on all pins (HBM)
 4kV
Note 1: See Section 4.1.2, Input Voltage Limits.
† Notice: Stresses above those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
This is a stress rating only and functional operation of the device at those or any other conditions above those indicated
in the operational listings of this specification is not implied. Exposure to maximum rating conditions for extended
periods may affect device reliability.
1.2
Specifications
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, VDD = +2.4V to +5.5V, VSS = GND, TA = +25°C,
VCM =VDD/2, VOUT  VDD/2, VL =VDD/2 and RL =10 kto VL. (Refer to Figure 1-1).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-1.5
—
+1.5
mV
VDD = 3.0V, VCM =VDD/4
Input Offset Drift with Temperature
V
OS/TA
—±2.5
—
µV/°C TA = -40°C to +125°C
Power Supply Rejection Ratio
PSRR
75
90
—
dB
VCM =VDD/4
Input Bias Current and Impedance
Input Bias Current
IB
—±1—
pA
—8
—
pA
TA =+85°C
—150
350
pA
TA = +125°C
Input Offset Current
IOS
—±0.1—
pA
Common Mode Input Impedance
ZCM
—1013||6
—
||pF
Differential Input Impedance
ZDIFF
—1013||6
—
||pF
Common Mode
Common Mode Input Voltage
Range
VCMR
VSS -0.3
—
VDD +0.3
V
Common Mode Rejection Ratio
CMRR
65
84
—
dB
VCM = -0.3V to 2.7V,
VDD =2.4V
70
88
—
dB
VCM = -0.3V to 5.8V,
VDD =5.5V
Open-Loop Gain
DC Open-Loop Gain (Large Signal)
AOL
95
115
—
dB
0.2V < VOUT <(VDD –0.2V)
VDD = 5.5V, VCM =VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com