Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6482-E/SN Datasheet(PDF) 18 Page - Microchip Technology

Part # MCP6482-E/SN
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6482-E/SN Datasheet(HTML) 18 Page - Microchip Technology

Back Button MCP6482-E/SN Datasheet HTML 14Page - Microchip Technology MCP6482-E/SN Datasheet HTML 15Page - Microchip Technology MCP6482-E/SN Datasheet HTML 16Page - Microchip Technology MCP6482-E/SN Datasheet HTML 17Page - Microchip Technology MCP6482-E/SN Datasheet HTML 18Page - Microchip Technology MCP6482-E/SN Datasheet HTML 19Page - Microchip Technology MCP6482-E/SN Datasheet HTML 20Page - Microchip Technology MCP6482-E/SN Datasheet HTML 21Page - Microchip Technology MCP6482-E/SN Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 50 page
background image
MCP6481/2/4
DS20002322C-page 18
 2012-2013 Microchip Technology Inc.
4.7
Application Circuits
4.7.1
PHOTO DETECTION
The MCP6481/2/4 op amps can be used to easily
convert the signal from a sensor that produces an
output current (such as a photo diode) into a voltage (a
transimpedance amplifier). This is implemented with a
single resistor (R2) in the feedback loop of the
amplifiers shown in Figure 4-8 and Figure 4-9. The
optional capacitor (C2) sometimes provides stability for
these circuits.
A photodiode configured in the Photovoltaic mode has
zero voltage potential placed across it (Figure 4-8). In
this mode, the light sensitivity and linearity is
maximized, making it best suited for precision
applications. The key amplifier specifications for this
application are: low-input bias current, Common mode
input voltage range (including ground), and rail-to-rail
output.
FIGURE 4-8:
Photovoltaic Mode Detector.
In contrast, a photodiode that is configured in the
Photoconductive mode has a reverse bias voltage
across the photo-sensing element (Figure 4-9). This
decreases the diode capacitance, which facilitates
high-speed
operation
(e.g.,
high-speed
digital
communications). However, the reverse bias voltage
also increased diode leakage current and caused
linearity errors.
FIGURE 4-9:
Photoconductive Mode
Detector.
4.7.2
ACTIVE LOW PASS FILTER
The MCP6481/2/4 op amps’ low-input bias current
makes it possible for the designer to use larger
resistors and smaller capacitors for active low-pass
filter
applications.
However,
as
the
resistance
increases,
the
noise
generated
also
increases.
Parasitic capacitances and the large value resistors
could also modify the frequency response. These
trade-offs need to be considered when selecting circuit
elements.
Usually, the op amp bandwidth is 100x the filter cutoff
frequency (or higher) for good performance. It is
possible to have the op amp bandwidth 10x higher than
the cutoff frequency, thus having a design that is more
sensitive to component tolerances.
Figure 4-10 and Figure 4-11 show low-pass, second-
order, Butterworth filters with a cutoff frequency of
10 Hz. The filter in Figure 4-10 has a non-inverting gain
of +1 V/V, and the filter in Figure 4-11 has an inverting
gain of -1 V/V.
FIGURE 4-10:
Second-Order, Low-Pass
Butterworth Filter with Sallen-Key Topology.
FIGURE 4-11:
Second-Order, Low-Pass
Butterworth Filter with Multiple-Feedback
Topology.
D1
Light
VOUT
VDD
R2
C2
ID1
VOUT = ID1*R2
–
+
MCP648X
D1
Light
VOUT
VDD
R2
C2
ID1
VOUT = ID1*R2
VBIAS
VBIAS < 0V
–
+
MCP648X
C2
VOUT
R1
R2
C1
VIN
47 nF
768 k
 1.27 M
22 nF
fP = 10 Hz, G = +1 V/V
+
–
MCP648X
C2
VOUT
R1
R3
C1
VIN
R2
VDD/2
fP = 10 Hz, G = -1 V/V
618 k
618 k
 1.00 M
8.2 nF
47 nF
–
+
MCP648X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com