Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6484-E/SL Datasheet(PDF) 7 Page - Microchip Technology

Part # MCP6484-E/SL
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6484-E/SL Datasheet(HTML) 7 Page - Microchip Technology

Back Button MCP6484-E/SL Datasheet HTML 3Page - Microchip Technology MCP6484-E/SL Datasheet HTML 4Page - Microchip Technology MCP6484-E/SL Datasheet HTML 5Page - Microchip Technology MCP6484-E/SL Datasheet HTML 6Page - Microchip Technology MCP6484-E/SL Datasheet HTML 7Page - Microchip Technology MCP6484-E/SL Datasheet HTML 8Page - Microchip Technology MCP6484-E/SL Datasheet HTML 9Page - Microchip Technology MCP6484-E/SL Datasheet HTML 10Page - Microchip Technology MCP6484-E/SL Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002322C-page 7
MCP6481/2/4
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.2V to +5.5V, VSS = GND, VCM =VDD/2, VOUT  VDD/2,
VL =VDD/2, RL =10kto VL and CL =20 pF.
FIGURE 2-1:
Input Offset Voltage.
FIGURE 2-2:
Input Offset Voltage Drift.
FIGURE 2-3:
Input Offset Voltage vs.
Common Mode Input Voltage.
FIGURE 2-4:
Input Offset Voltage vs.
Common Mode Input Voltage.
FIGURE 2-5:
Input Offset Voltage vs.
Output Voltage.
FIGURE 2-6:
Input Offset Voltage vs.
Power Supply Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0%
2%
4%
6%
8%
10%
12%
14%
16%
18%
Input Offset Voltage (µV)
270 Samples
V
DD = 3.0V
V
CM = VDD/4
0%
3%
6%
9%
12%
15%
18%
Input Offset Voltage Drift (µV/°C)
270 Samples
V
DD = 3.0V
V
CM = VDD/4
T
A = -40°C to +125°C
400
-200
0
200
400
600
800
1000
+125°C
+85°C
+25°C
-40°C
-1000
-800
-600
-400
Common Mode Input Voltage (V)
V
DD = 2.2V
Representative Part
-400
-200
0
200
400
600
800
1000
+125°C
+85°C
+25°C
-40°C
-1000
-800
-600
400
Common Mode Input Voltage (V)
V
DD = 5.5V
Representative Part
-400
-200
0
200
400
600
800
1000
V
DD = 5.5V
V
DD = 2.2V
Representative Part
-1000
-800
-600
400
Output Voltage (V)
-400
-200
0
200
400
600
800
1000
+125°C
+85°C
+25°C
-40°C
-1000
-800
-600
-400
Power Supply Voltage (V)
Representative Part



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com