Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP73123-22S/MF Datasheet(PDF) 15 Page - Microchip Technology

Part # MCP73123-22S/MF
Description  Lithium Iron Phosphate (LiFePO4) Battery Charge Management Controller with Input Overvoltage Protection
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP73123-22S/MF Datasheet(HTML) 15 Page - Microchip Technology

Back Button MCP73123-22S/MF Datasheet HTML 11Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 12Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 13Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 14Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 15Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 16Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 17Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 18Page - Microchip Technology MCP73123-22S/MF Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 28 page
background image
 2009-2013 Microchip Technology Inc.
DS22191E-page 15
MCP73123/223
6.0
APPLICATIONS
The MCP73123/223 is designed to operate with a
host microcontroller or in stand-alone applications.
The MCP73123/223 provides the preferred charge
algorithm for lithium iron phosphate cells, Constant
Current mode followed by Constant Voltage mode.
Figure 6-1 depicts a typical stand-alone application
circuit, while Figure 6-2 depicts the accompanying
charge profile.
FIGURE 6-1:
Typical Application Circuit.
FIGURE 6-2:
Typical Charge Profile for
Single-Cell LiFePO4 Battery.
STAT
VDD
NC
5
3
1
2
PROG
8
7
9
10
4.7 µF
+
-
1-Cell
LiFePO4
Battery
NC
6
4
1k
VDD
VBAT
VBAT
VSS
VSS
4.7 µF
1.0 k
MCP73123 Typical Application
AC-DC Adapter
5V DC Output
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
0
1020
30
4050
60
70
Time (Minutes)
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
VDD = 5V
RPROG = 1 kΩ
1100 mAh LiFePO4 Battery
Thermal Regulation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com