Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6484T-E/ST Datasheet(PDF) 47 Page - Microchip Technology

Part # MCP6484T-E/ST
Description  4 MHz, Low-Input Bias Current Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6484T-E/ST Datasheet(HTML) 47 Page - Microchip Technology

Back Button MCP6484T-E/ST Datasheet HTML 42Page - Microchip Technology MCP6484T-E/ST Datasheet HTML 43Page - Microchip Technology MCP6484T-E/ST Datasheet HTML 44Page - Microchip Technology MCP6484T-E/ST Datasheet HTML 45Page - Microchip Technology MCP6484T-E/ST Datasheet HTML 46Page - Microchip Technology MCP6484T-E/ST Datasheet HTML 47Page - Microchip Technology MCP6484T-E/ST Datasheet HTML 48Page - Microchip Technology MCP6484T-E/ST Datasheet HTML 49Page - Microchip Technology MCP6484T-E/ST Datasheet HTML 50Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 47 / 50 page
background image
 2012-2013 Microchip Technology Inc.
DS20002322C-page 47
MCP6481/2/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
MCP6481T:
Single Op Amp (Tape and Reel)
(SC70, SOT-23)
MCP6482:
Dual Op Amp (SOIC and MSOP only)
MCP6482T:
Dual Op Amp (Tape and Reel)
(SOIC, MSOP and 2x3 TDFN)
MCP6484:
Quad Op Amp
MCP6484T:
Quad Op Amp (Tape and Reel)
(SOIC and TSSOP)
Temperature Range:
E
= -40°C to +125°C (Extended)
Package:
LTY
= Plastic Package (SC70), 5-lead
OT
= Plastic Small Outline Transistor, (SOT-23),
5-lead
MNY*
= Plastic Dual Flat, No Lead, (2x3 TDFN),
8-lead (TDFN)
SN
= Lead Plastic Small Outline (150 mil body),
8-lead (SOIC)
MS
= Plastic MSOP, 8-lead
SL
= Plastic Small Outline, (150 mil body),
14-lead (SOIC)
ST
= Plastic Thin Shrink Small Outline
(150 mil body), 14-lead (TSSOP)
* Y = Nickel palladium gold manufacturing designator. Only
available on the TDFN package.
PART NO.
/XX
Package
Temperature
Range
Device
Examples:
a)
MCP6481T-E/LTY:
Tape and Reel,
Extended Temp.,
5LD SC70 package
b)
MCP6481T-E/OT:
Tape and Reel,
Extended Temp.,
5LD SOT-23 package
c)
MCP6482-E/MS:
Extended Temp.,
8LD MSOP package
d)
MCP6482T-E/MS:
Tape and Reel,
Extended Temp.,
8LD MSOP package
e)
MCP6482-E/SN:
Extended Temp.,
8LD SOIC package
f)
MCP6482T-E/SN:
Tape and Reel,
Extended Temp.,
8LD SOIC package
g)
MCP6482T-E/MNY:
Tape and Reel,
Extended Temp.,
8LD 2x3 TDFN package
h)
MCP6484-E/SL:
Extended Temp., 14LD
SOIC package
i)
MCP6484T-E/SL:
Tape and Reel,
Extended Temp., 14LD
SOIC package
j)
MCP6484-E/ST:
Extended Temp.,
14LD TSSOP package
k)
MCP6484T-E/ST:
Tape and Reel,
Extended Temp.,
14LD TSSOP package
-X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com