Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S80296SA50 Datasheet(PDF) 37 Page - Intel Corporation

Part # S80296SA50
Description  80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

S80296SA50 Datasheet(HTML) 37 Page - Intel Corporation

Back Button S80296SA50 Datasheet HTML 32Page - Intel Corporation S80296SA50 Datasheet HTML 33Page - Intel Corporation S80296SA50 Datasheet HTML 34Page - Intel Corporation S80296SA50 Datasheet HTML 35Page - Intel Corporation S80296SA50 Datasheet HTML 36Page - Intel Corporation S80296SA50 Datasheet HTML 37Page - Intel Corporation S80296SA50 Datasheet HTML 38Page - Intel Corporation S80296SA50 Datasheet HTML 39Page - Intel Corporation S80296SA50 Datasheet HTML 40Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 37 / 40 page
background image
PRELIMINARY
33
80296SA COMMERCIAL CHMOS 16-BIT MICROCONTROLLER
7.0
THERMAL CHARACTERISTICS
All thermal impedance data is approximate for static air conditions at 1 watt of power dissipation. Values will
change depending on operating conditions and the application. The Intel
Packaging Handbook (order number
240800) describes Intel’s thermal impedance test methodology. The
Components Quality and Reliability
Handbook (order number 210997) provides quality and reliability information.
8.0
80296SA ERRATA
The 80296SA may contain design defects or errors known as errata. Characterized errata that may cause the
80296SA’s behavior to deviate from published specifications are documented in a specification update.
Specification updates can be obtained from your local Intel sales office or from the World Wide Web
(
www.intel.com).
9.0
DATASHEET REVISION HISTORY
This datasheet is valid for devices with an “A” at the end of the topside tracking number. Datasheets are
changed as new device information becomes available. Verify with your local Intel sales office that you have
the latest version before finalizing a design or ordering devices.
This is the -003 version of the datasheet. The following changes were made in this version:
1.
All references to SQFP package were deleted.
2.
Reference to ROM option was removed from Table 1.
3.
The speed designation for 40 MHz was changed from “no mark” to “40” in Table 1.
4.
The T
RXDX specification was changed to 0 ns (from 2 ns) in Table 11 and Table 13.
5.
The T
CHYX specification was replaced by TCH
1YX and TCH2YX.
6.
The READY timing diagrams (Figures 8 and 10) were replaced by examples that reflect the new T
CH
1YX
and T
CH
2YX specifications.
This is the -002 version of the datasheet. The following changes were made in this version:
1.
The “Intel Confidential” designation was removed for publication.
2.
A heading was added for Section 1.0, “Product Overview,” and the remaining sections were renum-
bered.
3.
The errata list was replaced with a reference to the specification update document.
The following changes were made in the -001 version of the datasheet:
1.
Throughout the datasheet, the product name was changed to read “80296SA” instead of “80C296SA.”
2.
The feature list was clarified.
3.
A table of contents was added.
4.
The block diagram was changed.
5.
Several sections were rearranged and section numbers were assigned. “Thermal Characteristics” was
moved to Section 7.0; a section heading was added for “Nomenclature Overview,” Section 2.0; a section
heading was added for “Address Map” and it was moved to Section 5.0; a section heading was added
for “Pinout,” and it was moved to Section 3.0; the section heading “Pin Descriptions” was changed to
“Signals,” Section 4.0. The remaining sections were assigned section numbers: “Electrical Characteris-
Table 15. Thermal Characteristics
Package Type
θ
JA
θ
JC
100-pin QFP
50
°C/W
16
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com