Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CH91 Datasheet(PDF) 2 Page - AVX Corporation

Part # CH91
Description  High Voltage Leaded (CH Style) Radial, Dual-in-Line & ?쁋??Lead SMT
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CH91 Datasheet(HTML) 2 Page - AVX Corporation

  CH91 Datasheet HTML 1Page - AVX Corporation CH91 Datasheet HTML 2Page - AVX Corporation CH91 Datasheet HTML 3Page - AVX Corporation CH91 Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
66
LH
T
S
Lead
Style
Dia
(max)
(max)
(max)
(nom)
(nom)
CV41
10.6 (0.417)
8.70 (0.343)
3.80 (0.150)
8.20 (0.323)
0.70 (0.028)
CV51
11.9 (0.469)
10.7 (0.421)
3.80 (0.150)
10.2 (0.402)
0.90 (0.035)
CV61
16.5 (0.650)
13.6 (0.536)
3.80 (0.150)
15.2 (0.599)
0.90 (0.035)
CV76
22.7 (0.893)
16.6 (0.654)
3.80 (0.150)
21.2* (0.835)
0.90 (0.035)
CV91
22.7 (0.893)
40.6 (1.598)
3.80 (0.150)
21.2* (0.835)
1.20 (0.047)
Part Number format (CVxxxxxxxxxxxA2)
Typical Part Number CV51AC154MA80A2
VERTICALLY MOUNTED RADIAL PRODUCT
High Voltage Leaded (CV Style)
Chip Assemblies
*Tolerance ± 0.8mm (0.031)
DIMENSIONS
millimeters (inches)
T Max.
H Max.
25 (0.984)
±3 (0.118)
Lead Dia.
See Table
S
±0.5
(0.020)
L Max.
HOW TO ORDER
CV
51
A
C
154
M
A
8
0
A
2
Style
Size
Voltage Dielectric Capacitance Capacitance
Specification
Finish
Lead Dia.
Lead Space
Lead Style
Code
Code
Code
Code
Code
Tolerance
Code
Code
Code
Code
Code
A = 1kV
A = C0G
(2 significant
C0G: J = ±5%
A = Non customized
8 = Varnish
0 = Standard
A = Standard
G = 2kV
C = X7R
digits + no.
K = ±10%
H = 3kV
of zeros)
M = ±20%
J = 4kV
eg. 105 = 1 μF
X7R: K = ±10%
K = 5kV
106 = 10 μF
M = ±20%
107 = 100 μF
P = +100, -0%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com