Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTS2916A-HGC1 Datasheet(PDF) 8 Page - Microchip Technology

Part # MTS2916A-HGC1
Description  Dual Full-Bridge Motor Driver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTS2916A-HGC1 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MTS2916A-HGC1 Datasheet HTML 4Page - Microchip Technology MTS2916A-HGC1 Datasheet HTML 5Page - Microchip Technology MTS2916A-HGC1 Datasheet HTML 6Page - Microchip Technology MTS2916A-HGC1 Datasheet HTML 7Page - Microchip Technology MTS2916A-HGC1 Datasheet HTML 8Page - Microchip Technology MTS2916A-HGC1 Datasheet HTML 9Page - Microchip Technology MTS2916A-HGC1 Datasheet HTML 10Page - Microchip Technology MTS2916A-HGC1 Datasheet HTML 11Page - Microchip Technology MTS2916A-HGC1 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 20 page
background image
MTS2916A
DS22259C-page 8
 2010-2013 Microchip Technology Inc.
3.0
FUNCTIONAL DESCRIPTION
The circuit is designed to drive the two windings of a
bipolar stepper motor, and can be divided into two iden-
tical channels (channel 1 and channel 2) and protection
circuitry for overtemperature and undervoltage. The
functionality of a channel and protection circuitry is
presented in the following sections.
3.1
Power Bridge Operation
Each motor winding is driven by an H-type bridge
consisting of two N- and two P-transistors that allow the
current to flow in both winding directions, depending on
the value of the PHASE signal (Table 3-1). The
H-bridge can be set in five configurations that are
related to the digital inputs PHASE, I0 and I1, and to the
current sensed. These configurations are shown in
Table 3-2.
FIGURE 3-1:
Power Bridge Control (PHASE = H/Forward).
TABLE 3-1:
CURRENT DIRECTION CONTROL
PHASE
Output Current
L
Current flows from OUTxB to OUTxA
H
Current flows from OUTxA to OUTxB
Legend: a) Bridge ON, b) Source OFF, c) All OFF/Coasting
Note: For PHASE = L/Reverse, invert A and B in drawings.
VLOAD
Pb
Pa
H
H
L
L
Nb
Na
SENSE
OUTA
OUTB
VLOAD
Pb
Pa
H
H
L
L
Nb
Na
SENSE
OUTA
OUTB
VLOAD
Pb
Pa
H
H
L
L
Nb
Na
SENSE
OUTA
OUTB
RS
RS
RS
a)
b)
c)
TABLE 3-2:
POWER BRIDGE GATE CONTROL TRUTH TABLE
I0I1
PHASE
Overi
TOFF
Case/Mode
gna
gpa
gnb
gpb
00/01/10
1
0
0
Forward ON
L
LH
H
00/01/10
1
x
1
Forward OFF
L
H
H
H
00/01/10
0
0
0
Reverse ON
H
HL
L
00/01/10
0
x
1
Reverse OFF
H
HL
H
11
x
x
x
No Current/
Coasting
LH
LH
Legend: Bold = Active MOS Transistors, Overi = Overcurrent flag, TOFF = Channel TOFF State Flag



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com