Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12C67X Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC12C67X
Description  8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12C67X Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC12C67X_13 Datasheet HTML 17Page - Microchip Technology PIC12C67X_13 Datasheet HTML 18Page - Microchip Technology PIC12C67X_13 Datasheet HTML 19Page - Microchip Technology PIC12C67X_13 Datasheet HTML 20Page - Microchip Technology PIC12C67X_13 Datasheet HTML 21Page - Microchip Technology PIC12C67X_13 Datasheet HTML 22Page - Microchip Technology PIC12C67X_13 Datasheet HTML 23Page - Microchip Technology PIC12C67X_13 Datasheet HTML 24Page - Microchip Technology PIC12C67X_13 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 130 page
background image
 1997-2013 Microchip Technology Inc.
DS30561C-page 21
PIC12C67X
4.2.2.7
OSCCAL REGISTER
The Oscillator Calibration (OSCCAL) Register is used
to calibrate the internal 4 MHz oscillator. It contains four
bits for fine calibration and two other bits to either
increase or decrease frequency.
REGISTER 4-7:
OSCCAL REGISTER (ADDRESS 8Fh)
R/W-0
R/W-1
R/W-1
R/W-1
R/W-0
R/W-0
U-0
U-0
CAL3
CAL2
CAL1
CAL0
CALFST
CALSLW
—
—
R
= Readable bit
W = Writable bit
U
= Unimplemented bit,
read as ‘0’
- n = Value at POR reset
bit7
bit0
bit 7-4:
CAL<3:0>: Fine Calibration
bit 3:
CALFST: Calibration Fast
1
= Increase frequency
0
= No change
bit 2:
CALSLW: Calibration Slow
1
= Decrease frequency
0
= No change
bit 1-0:
Unimplemented: Read as ’0’
Note:
If CALFST = 1 and CALSLW = 1, CALFST has precedence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com