Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CYR10 Datasheet(PDF) 2 Page - AVX Corporation

Part # CYR10
Description  Glass Capacitors CYR10, 15 (Established Reliability) M23269/01, 02 (QPL to MIL-PRF-23269)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

CYR10 Datasheet(HTML) 2 Page - AVX Corporation

  CYR10 Datasheet HTML 1Page - AVX Corporation CYR10 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
15
Cap. Value
Part Number*
(pF)
Capacitance Tolerance
CYR10 M23269/01- (cont’d.)
500 Volts**
±1%
±2%
±5%
68
* 079
* 080
* 081
75
082
083
084
82
085
086
087
91
088
089
090
100
091
092
093
110
094
095
096
120
097
098
099
130
100
101
102
150
103
104
105
160
106
107
108
180
109
110
111
200
112
113
114
300 Volts**
±1%
±2%
±5%
220
115
116
117
240
118
119
120
270
121
122
123
300
124
125
126
CYR15 M23269/02-
500 Volts**
±1%
±2%
±5%
220
* 001
* 002
* 003
240
004
005
006
270
007
008
009
300
010
011
012
330
013
014
015
360
016
017
018
390
019
020
021
430
022
023
024
470
025
026
027
510
028
029
030
300 Volts**
±1%
±2%
±5%
560
031
032
033
620
034
035
036
680
037
038
039
750
040
041
042
820
043
044
045
910
046
047
048
1,000
049
050
051
1,100
052
053
054
1,200
055
056
057
RATINGS & PART NUMBER REFERENCE
MARKING
M23269
Style
Military Specification
Established Reliability
Glass Capacitor
01
Case Size
01 = CYR10
02 = CYR15
3
Failure Rate
3 = M level 1%/1000 hrs.
7 = S level .001%/1000 hrs.
(100 volt rating only)
001
Capacitance Code
Capacitance value
coded in accordance
with MIL-PRF-23269 –
(see Part Number section)
HOW TO ORDER
M23269J
02-3057
AVX 06 B
M23269 = Military specification
established reliability
glass capacitor
J = JAN Trademark
02 = Case size (CYR15)
3 = Failure rate (M level)
057 = Dash Number –
(capacitance in pF and
capacitance tolerance)
AVX = AVX Corporation
06 = Year
B = Lot Code
Cap. Value
Part Number*
(pF)
Capacitance Tolerance
CYR10 M23269/01-
500 Volts**
±.25pF
±.5pF
±5%
.5
* 001
––
1.0
002
––
1.5
003
––
2.2
004
* 005
–
2.7
006
––
3.0
007
008
–
3.3
009
––
3.6
010
011
–
3.9
012
––
4.3
013
014
–
4.7
015
––
5.1
016
––
5.6
017
–
* 018
6.2
019
–
020
6.8
021
–
022
7.5
023
–
024
8.2
025
–
026
9.1
027
–
028
10
029
–
030
11
031
–
032
12
033
–
034
±1%
±2%
±5%
13
–
* 035
* 036
15
–
037
038
16
–
039
040
18
–
041
042
20
–
043
044
22
–
045
046
24
–
047
048
27
* 049
050
051
30
052
053
054
33
055
056
057
36
058
059
060
39
061
062
063
43
064
065
066
47
067
068
069
51
070
071
072
56
073
074
075
62
076
077
078
CYR15
CYR10
Glass Capacitors
Part Numbers and Ordering Information
JCY5A
0R5JM
0R5 = Capacitance code –
0R5 = 0.5pF
J = Capacitance tolerance –
J = ±5%, G = ±2%, F = ±1%
M = Failure level
AVX = AVX Corporation
J = JAN Trademark
C = Capacitor
Y = Glass Dielectric
5 = Last digit of year
A = 4 week lot code
* Add first digit to indicate failure rate.
** S LEVEL = 100V rating for all values.
* Add first digit to indicate failure rate.
** S LEVEL = 100V rating for all values.
/
—



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com