Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C6X Datasheet(PDF) 56 Page - Microchip Technology

Part # PIC16C6X
Description  8-Bit CMOS Microcontrollers
PDF  334 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C6X Datasheet(HTML) 56 Page - Microchip Technology

Back Button PIC16C6X_13 Datasheet HTML 52Page - Microchip Technology PIC16C6X_13 Datasheet HTML 53Page - Microchip Technology PIC16C6X_13 Datasheet HTML 54Page - Microchip Technology PIC16C6X_13 Datasheet HTML 55Page - Microchip Technology PIC16C6X_13 Datasheet HTML 56Page - Microchip Technology PIC16C6X_13 Datasheet HTML 57Page - Microchip Technology PIC16C6X_13 Datasheet HTML 58Page - Microchip Technology PIC16C6X_13 Datasheet HTML 59Page - Microchip Technology PIC16C6X_13 Datasheet HTML 60Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 334 page
background image
PIC16C6X
DS30234E-page 56
 1997-2013 Microchip Technology Inc.
TABLE 5-6:
PORTC FUNCTIONS FOR PIC16C62A/R62/64A/R64
TABLE 5-7:
PORTC FUNCTIONS FOR PIC16C63/R63/65/65A/R65/66/67
TABLE 5-8:
SUMMARY OF REGISTERS ASSOCIATED WITH PORTC
Name
Bit# Buffer Type Function
RC0/T1OSO/T1CKI
bit0
ST
Input/output port pin or Timer1 oscillator output or Timer1 clock input
RC1/T1OSI
bit1
ST
Input/output port pin or Timer1 oscillator input
RC2/CCP1
bit2
ST
Input/output port pin or Capture input/Compare output/PWM1 output
RC3/SCK/SCL
bit3
ST
RC3 can also be the synchronous serial clock for both SPI and I2C modes.
RC4/SDI/SDA
bit4
ST
RC4 can also be the SPI Data In (SPI mode) or data I/O (I2C mode).
RC5/SDO
bit5
ST
Input/output port pin or synchronous serial port data output
RC6
bit6
ST
Input/output port pin
RC7
bit7
ST
Input/output port pin
Legend: ST = Schmitt Trigger input
Name
Bit# Buffer Type Function
RC0/T1OSO/T1CKI
bit0
ST
Input/output port pin or Timer1 oscillator output or Timer1 clock input
RC1/T1OSI/CCP2
bit1
ST
Input/output port pin or Timer1 oscillator input or Capture2 input/Compare2
output/PWM2 output
RC2/CCP1
bit2
ST
Input/output port pin or Capture1 input/Compare1 output/PWM1 output
RC3/SCK/SCL
bit3
ST
RC3 can also be the synchronous serial clock for both SPI and I2C modes.
RC4/SDI/SDA
bit4
ST
RC4 can also be the SPI Data In (SPI mode) or data I/O (I2C mode).
RC5/SDO
bit5
ST
Input/output port pin or synchronous serial port data output
RC6/TX/CK
bit6
ST
Input/output port pin or USART Asynchronous Transmit, or USART Syn-
chronous Clock
RC7/RX/DT
bit7
ST
Input/output port pin or USART Asynchronous Receive, or USART Syn-
chronous Data
Legend: ST = Schmitt Trigger input
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on all
other resets
07h
PORTC
RC7
RC6
RC5
RC4
RC3
RC2
RC1
RC0
xxxx xxxx
uuuu uuuu
87h
TRISC
PORTC Data Direction Register
1111 1111
1111 1111
Legend: x = unknown, u = unchanged.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com