Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

39D408G025JS6 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 39D408G025JS6
Description  Aluminum Capacitors 85 °C, Powerlytic® Electrolytics
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

39D408G025JS6 Datasheet(HTML) 2 Page - Vishay Siliconix

  39D408G025JS6 Datasheet HTML 1Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 2Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 3Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 4Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 5Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 6Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 7Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 8Page - Vishay Siliconix 39D408G025JS6 Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Document Number: 42036
For technical questions, contact: aluminumcaps4@vishay.com
www.vishay.com
Revision: 17-Nov-06
219
39D
Aluminum Capacitors
+ 85 °C, Powerlytic® Electrolytics
Vishay Sprague
ORDERING EXAMPLE*
Electrolytic capacitor 39D series
39D 907 G 003 EJ 6
* Note: For lead (Pb)-free / RoHS compliant products add
suffix “E3” to part number
Example: 39D907G003EJ6E3
Notes
*
These values are normally stocked. Case codes subject to change without notice.
1.
‘4’ suffix was clear PVC sleeve. ‘6’ is blue.
ELECTRICAL DATA
SYMBOL
DESCRIPTION
µF
rated capacitance
± %
F = 10 %, + 50 %
DC
voltage rating at 85 °C
FE
see dimensions in millimeters table
6
termination
ELECTRICAL DATA AND ORDERING INFORMATION
CAPACITANCE
(µF)
CASE
CODE
PART NUMBER
3 WVDC at + 85 °C, SURGE = 4 V
400
EE
39D407G003EE6
900
EJ
39D907G003EJ6
1300
EL
39D138G003EL6
1400
GE
39D148G003GE6
1800
FJ
39D188G003FJ6
2100
HE
39D218G003HE6
2700
FL
39D278G003FL6
2900
GJ
39D298G003GJ6
3000
JE
39D308G003JE6
3600
FP
39D368G003FP6
4200
HJ
39D428G003HJ6
4300
GL
39D438G003GL6
5700
GP
39D578G003GP6
6000
JJ
39D608G003JJ6
8500
HP
39D858G003HP6
9000
JL
39D908G003JL6
10 000
HS
39D109G003HS6
12 000
JP
39D129G003JP6
15 000
JS
39D159G003JS6
18 000
JT
39D189G003JT6
6 WVDC at + 85 °C, SURGE = 8 V
300
EE
39D307G006EE6
600
EJ
39D607G006EJ6
900
EL
39D907G006EL6
1000
GE
39D108G006GE6
1200
FJ
39D128G006FJ6
1500
HE
39D158G006HE6
1900
FL
39D198G006FL6
2000
GJ
39D208G006GJ6
2100
JE
39D218G006JE6
2500
FP
39D258G006FP6
3000
GL
39D308G006GL6
4000
GP
39D408G006GP6
4200
JJ
39D428G006JJ6
6000
HP
39D608G006HP6
6300
JL
39D638G006JL6
7500
HS
39D758G006HS6
8500
JP
39D858G006JP6
10 000
JS
39D109G006JS6
12 000
JT
39D129G006JT6
10 WVDC at + 85 °C, SURGE = 12 V
250
EE
39D257G010EE6
500
EJ
39D507G010EJ6
800
EL
39D807G010EL6
850
GE
39D857G010GE6
1000.0*
FJ
39D108G010FJ6
1200
HE
39D128G010HE6
1600
FL
39D168G010FL6
1700
GJ
39D178G010GJ6
2100
FP
39D218G010FP6
2500
GL
39D258G010GL6
3400
GP
39D348G010GP6
3500
JJ
39D358G010JJ6
5000
HP
39D508G010HP6
5200
JL
39D528G010JL6
6300
HS
39D638G010HS6
7100
JP
39D718G010JP6
8800
JS
39D888G010JS6
10 000
JT
39D109G010JT6



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com