Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

GD10 Datasheet(PDF) 1 Page - AVX Corporation

Part # GD10
Description  Microwave SLCs ULTRA MAXI Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

GD10 Datasheet(HTML) 1 Page - AVX Corporation

  GD10 Datasheet HTML 1Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Capacitance Change with Temperature
Temperature (°C)
0
-70
-8
-6
-4
-2
0
2
4
6
8
-60 -50 -40 -30 -20 -10
10
20
30
40
50
60
70
80
90 100 110 120 130 140
GD
Type Code
20
L&W (mils)
3
Rated
Voltage
3 = 25 VDC
0
Dielectric
0 = Ultra Maxi
(k = 60,000)
102
Capacitance
EIA Cap
Code in pF
Z
Capacitance
Tolerance
M = ±20%
Z = +80 -20%
A
Termination
Au (100 µ-in)
over
Ti/W (1000Å)
W
Packaging
Antistatic
Waffle Pack
(400 per)
HOW TO ORDER
16
Microwave SLCs
ULTRA MAXI Series
The Ultra Maxi Series is the latest addition to the AVX family of proprietary high k,
inter-granular barrier layer dielectic systems. This series is similar to our Maxi &
Maxi+ product offerings, but with the notable difference that the dielectric con-
stant has been increased to 60,000 - double the previous high for our industry
leading GBBL formulations.
These new Single Layer Ceramic Capacitors, with X7R TCC and rated at 25VDC
(-55°C thru +125°C), set a new standard for circuit miniturization. On average, the
required board mounting area will be reduced by approximately two-thirds when
compared to an equivalent capacitance value for our Maxi+ series. The Ultra
Maxi series offers an ideal solution for broadband bypass applications where
high performance and the smallest footprint are the primary considerations.
The Ultra Maxi Series is RoHS compliant - as are all AVX SLC products.
Terminations (Au over Ti/W) provide an excellent wire bonding surface and are
compatible with conductive epoxy and Au/Sn eutectic solder attach.
Samples and custom configurations are available on request.
Style
Length x Width
Capacitance (pF)
±.003" (0.076)
Min
Max
GD10
.010 x .010 (.254 x .254)
200
300
GD15
.015 x .015 (.381 x .381)
300
600
GD20
.020 x .020 (.508 x .508)
550
1000
GD25
.025 x .025 (.635 x .635)
900
1500
GD30
.030 x .030 (.762 x .762)
1400
2000
GD35
.035 x .035 (.889 x .889)
1900
2700
GD40
.040 x .040 (1.016 x 1.016)
2600
3500
GD45
.045 x .045 (1.143 x 1.143)
3300
4400
GD50
.050 x .050 (1.270 x 1.270)
4200
5400
GD55
.055 x .055 (1.397 x1.397)
5100
6500
Thickness: .0065±.001 (.165±.025)
inches (millimeters)
Sample kits are available
ULTRA MAXI KIT Catalog # KITSLCK60KSAMPL
includes 10 each:
GD1030301ZAW, GD1530601ZAW,
GD2030102ZAW, GD3030202ZAW
66782 SLC Catalog NEW:66782 SLC Catalog
4/15/10
12:08 PM
Page 16


Similar Part No. - GD10

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
GD10 AVX-GD10 Datasheet
107Kb / 1P
Microwave SLCs
logo
StarPower Europe AG
GD1000HFA120C6S STARPOWER-GD1000HFA120C6S Datasheet
593Kb / 11P
1200V/1000A 2 in one-package
1/19/2024
GD1000HFA120C6S_B39 STARPOWER-GD1000HFA120C6S_B39 Datasheet
587Kb / 11P
1200V/1000A 2 in one-package
9/26/2024
GD1000HFX170P2S STARPOWER-GD1000HFX170P2S Datasheet
194Kb / 10P
1700V/1000A 2 in one-package
1/6/2019
GD1000HTA75P6HT STARPOWER-GD1000HTA75P6HT Datasheet
755Kb / 11P
750V/1000A 6 in one-package
2/23/2024
More results

Similar Description - GD10

ManufacturerPart #DatasheetDescription
logo
Littelfuse
152001 LITTELFUSE-152001 Datasheet
103Kb / 1P
MAXI Fuse In-Line Fuseholder
logo
Vicor Corporation
21314 VICOR-21314 Datasheet
64Kb / 1P
MODULE SHIELD MAXI
logo
Pomona Electronics
5748 POMONA-5748 Datasheet
1Mb / 3P
Maxi Universal Adapter Kit
logo
Littelfuse
00970026XP LITTELFUSE-00970026XP Datasheet
169Kb / 1P
maxi fuse puller
logo
AVX Corporation
GB01 AVX-GB01 Datasheet
281Kb / 4P
Microwave SLCs Maxi & Maxi Series: Single Layer Ceramics With & Without Borders
GHB AVX-GHB Datasheet
127Kb / 2P
Microwave SLCs Multi-Cap Arrays
GD AVX-GD_17 Datasheet
107Kb / 1P
Microwave SLCs
logo
Infineon Technologies A...
IM818-SCC INFINEON-IM818-SCC Datasheet
1Mb / 21P
CIPOS??Maxi IM818
V2.3 2020-03-13
IM818-LCC INFINEON-IM818-LCC Datasheet
1Mb / 22P
CIPOS??Maxi IM818
2021-02-03 revision:2.0
IM828-XCC INFINEON-IM828-XCC Datasheet
1Mb / 23P
CIPOS??Maxi IM828
2020-09-03 revision:2.0
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com