Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCWF Datasheet(PDF) 12 Page - AVX Corporation

Part # LCWF
Description  Wire Wound Chip Inductor (Ferrite) LCWF Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

LCWF Datasheet(HTML) 12 Page - AVX Corporation

Back Button LCWF Datasheet HTML 4Page - AVX Corporation LCWF Datasheet HTML 5Page - AVX Corporation LCWF Datasheet HTML 6Page - AVX Corporation LCWF Datasheet HTML 7Page - AVX Corporation LCWF Datasheet HTML 8Page - AVX Corporation LCWF Datasheet HTML 9Page - AVX Corporation LCWF Datasheet HTML 10Page - AVX Corporation LCWF Datasheet HTML 11Page - AVX Corporation LCWF Datasheet HTML 12Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 12 / 12 page
background image
42
DIMENSIONS
Wire Wound Chip Inductor (Ferrite)
LCWF Series
4.00 ± 0.10
(0.157 ± 0.004)
ø1.50
ø1.50
G
E
C
A
B
F
D
H
I
W
B
T
C
A
Trailer End
Trailer
80 (3.150 min.
Leader End
Cover Tape
Only
250 (9.843) min.
Empty Compartments
with Cover Tape
100 (3.937) min.
Top Cover Tape
160~180°
Base Tape
COVER TAPE PEEL STRENGHT
Type
A
B
C
D
E
F
G
H
I
Qty/ReeI
0603
8.00 ± 0.20
1.25 ± 0.10
4.00 ± 0.10
1.90 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
2.00 ± 0.05
1.00 ± 0.05
0.23 ± 0.05
4000
(0.315 ± 0.008) (0.049 ± 0.004) (0.157 ± 0.004 (0.075 ± 0.004) (0.138 ± 0.002) (0.069 ± 0.004) (0.079 ± 0.002) (0.039 ± 0.002) (0.009 ± 0.002)
0805
8.00 ± 0.20
1.85± 0.10
4.00 ± 0.10
2.55 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
2.00 ± 0.05
1.45 ± 0.05
0.23 ± 0.05
2000
(0.315 ± 0.008) (0.073 ± 0.004) (0.157 ± 0.004) (0.100 ± 0.004) (0.138 ± 0.002) (0.069 ± 0.004) (0.079 ± 0.002) (0.057 ± 0.002) (0.009 ± 0.002)
1008
8.00 ± 0.20
2.80± 0.10
4.00 ± 0.10
2.95 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
2.00 ± 0.05
2.22 ± 0.05
0.23 ± 0.05
2000
(0.315 ± 0.008) (0.110 ± 0.004) (0.157 ± 0.004) (0.116 ± 0.004) (0.138 ± 0.002) (0.069 ± 0.004) (0.079 ± 0.002) (0.087 ± 0.002) (0.009 ± 0.002)
1210
8.00 ± 0.20
2.96± 0.10
4.00 ± 0.10
3.60 ± 0.10
3.50 ± 0.05
1.75 ± 0.10
2.00 ± 0.05
2.40 ± 0.05
0.23 ± 0.05
2000
(0.315 ± 0.008) (0.117 ± 0.004) (0.157 ± 0.004) (0.142 ± 0.004) (0.138 ± 0.002) (0.069 ± 0.004) (0.079 ± 0.002) (0.094 ± 0.002) (0.009 ± 0.002)
1812
12.0 ± 0.20
3.30± 0.10
8.00 ± 0.10
5.00 ± 0.10
5.50 ± 0.05
1.75 ± 0.10
2.00 ± 0.05
3.50 ± 0.05
0.30 ± 0.05
500
(0.472 ± 0.008) (0.130 ± 0.004) (0.315 ± 0.004) (0.197 ± 0.004) (0.217 ± 0.002) (0.069 ± 0.004) (0.079 ± 0.002) (0.138 ± 0.002) (0.009 ± 0.002)
2200
16.0 ± 0.20
5.35± 0.10
12.0 ± 0.10
6.10 ± 0.10
7.50 ± 0.05
1.75 ± 0.10
2.00 ± 0.05
5.50 ± 0.05
0.35 ± 0.05
1000
(0.630 ± 0.008) (0.211 ± 0.004) (0.472 ± 0.004) (0.240 ± 0.004) (0.295 ± 0.002) (0.069 ± 0.004) (0.079 ± 0.002) (0.217 ± 0.002) (0.009 ± 0.002)
mm (inches)
TAPE DIMENSIONS
Type
ø A
ø B
ø C
W
T
0603
178 ± 2.00
60.0 ± 0.50
13.0 ± 0.30
9.00 ± 0.30
12.0 ± 1.00
(7.008 ± 0.079) (2.362 ± 0.020) (0.512 ± 0.012) (0.354 ± 0.012) (0.472 ± 0.039)
0805
178 ± 2.00
60.0 ± 0.50
13.0 ± 0.30
9.00 ± 0.30
12.0 ± 1.00
(7.008 ± 0.079) (2.362 ± 0.020) (0.512 ± 0.012) (0.354 ± 0.012) (0.472 ± 0.039)
1008
178 ± 2.00
60.0 ± 0.50
13.0 ± 0.30
9.00 ± 0.30
12.0 ± 1.00
(7.008 ± 0.079) (2.362 ± 0.020) (0.512 ± 0.012) (0.354 ± 0.012) (0.472 ± 0.039)
1210
178 ± 2.00
60.0 ± 0.50
13.0 ± 0.30
9.00 ± 0.30
12.0 ± 1.00
(7.008 ± 0.079) (2.362 ± 0.020) (0.512 ± 0.012) (0.354 ± 0.012) (0.472 ± 0.039)
1812
178 ± 2.00
80.0 ± 0.50
13.0 ± 0.30
13.2 ± 0.30
16.0 ± 1.00
(7.008 ± 0.079) (3.150 ± 0.020) (0.512 ± 0.012) (0.520 ± 0.012) (0.630 ± 0.039)
2200
330 ± 2.00
100 ± 0.50
13.0 ± 0.30
17.4 ± 0.3
22.0 ± 1.00
(12.99 ± 0.079) (3.937 ± 0.020) (0.512 ± 0.012) (0.685 ± 0.012) (0.866 ± 0.039)
mm (inches)
REEL DIMENSIONS
LEADER / TRAILER TAPE
The force for tearing off cover tape is
0.1~0.6 (N) in the arrow direction at the
following conditions:
Temperature: 5~35ºC
Humidity:45~85%
Atmospheric Pressure:860~1060 hpa



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com