Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MS20 Datasheet(PDF) 2 Page - AVX Corporation

Part # MS20
Description  MIS/MOS Single Layer Capacitors Metal Insulator Semiconductor/Metal Oxide Semiconductor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

MS20 Datasheet(HTML) 2 Page - AVX Corporation

  MS20 Datasheet HTML 1Page - AVX Corporation MS20 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
AVX Myrtle Beach, SC
Corporate Offices
Tel: 843-448-9411
FAX: 843-448-1943
AVX Northwest, WA
Tel: 360-699-8746
FAX: 360-699-8751
AVX North Central, IN
Tel: 317-848-7153
FAX: 317-844-9314
AVX Mid/Pacific, CA
Tel: 510-661-4100
FAX: 510-661-4101
AVX Midwest, MN
Tel: 952-974-9155
FAX: 952-974-9179
AVX Northeast, MA
Tel: 617-479-0345
FAX: 843-916-7614
AVX Southwest, AZ
Tel: 602-678-0384
FAX: 602-678-0385
AVX Limited, England
European Headquarters
Tel: ++44 (0) 1252-770000
FAX: ++44 (0) 1252-770001
AVX/ELCO, England
Tel: ++44 (0) 1638-675000
FAX: ++44 (0) 1638-675002
AVX S.A., France
Tel: ++33 (1) 69-18-46-00
FAX: ++33 (1) 69-28-73-87
AVX GmbH, Germany
Tel: ++49 (0) 8131-9004-0
FAX: ++49 (0) 8131-9004-44
AVX srl, Italy
Tel: ++390 (0)2 614-571
FAX: ++390 (0)2 614-2576
AVX Czech Republic
Tel: ++420 57 57 57 521
FAX: ++420 57 57 57 109
AVX/Kyocera, Singapore
Asia-Pacific Headquarters
Tel: (65) 6286-7555
FAX: (65) 6488-9880
AVX/Kyocera, Hong Kong
Tel: (852) 2-363-3303
FAX: (852) 2-765-8185
AVX/Kyocera, Korea
Tel: (82) 2-785-6504
FAX: (82) 2-784-5411
AVX/Kyocera, Taiwan
Tel: (886) 2-2698-8778
FAX: (886) 2-2698-8777
AVX/Kyocera, Malaysia
Tel: (60) 4-228-1190
FAX: (60) 4-228-1196
Elco, Japan
Tel: 045-943-2906/7
FAX: 045-943-2910
Kyocera, Japan - AVX
Tel: (81) 75-604-3426
FAX: (81) 75-604-3425
Kyocera, Japan - KDP
Tel: (81) 75-604-3424
FAX: (81) 75-604-3425
AVX/Kyocera,
Shanghai, China
Tel: 86-21 6341 0300
FAX: 86-21 6341 0330
AVX/Kyocera,
Beijing, China
Tel: 86-10 8458 3385
FAX: 86-10 8458 3382
A KYOCERA GROUP COMPANY
http://www.avx.com
AMERICAS
EUROPE
ASIA-PACIFIC
ASIA-KED
NOTICE: Specifications are subject to change without notice. Contact your nearest AVX Sales Office for the latest specifications. All statements, information and data given
herein are believed to be accurate and reliable, but are presented without guarantee, warranty, or responsibility of any kind, expressed or implied. Statements
or suggestions concerning possible use of our products are made without representation or warranty that any such use is free of patent infringement and are not
recommendations to infringe any patent. The user should not assume that all safety measures are indicated or that other measures may not be required. Specifications are
typical and may not apply to all applications.
© AVX Corporation
S-MOS00M1006-N
KED, Hong Kong
Tel: (852) 2305 1080
FAX: (852) 2305 1405
KED, Shanghai
Tel: (86) 21 6859 9898
FAX: (86) 21 5887 2542
KED, Beijing
Tel: (86) 10 5869 4655
FAX: (86) 10 5869 4677
KED, South Korea
Tel: (82) 2 783 3288
FAX: (82) 2 783 3207
KED, Taiwan
Tel: (886) 2 2950 0268
FAX: (886) 2 2950 0520
KED, Singapore
Tel: (65) 6255 3122
FAX: (65) 6255 5092
AVX South Central, TX
Tel: 214-566-2859
FAX: 972-461-0575
AVX Southeast, GA
Tel: 404-608-8151
FAX: 770-972-0766
AVX Canada
Tel: 905-238-3151
FAX: 905-238-0319
AVX South America
Tel: ++55-11-2193-7200
FAX: ++55-11-2193-7210
22 pF Q Vs Frequency
0
200
400
600
800
1000
1200
1400
1600
1800
2000
0
0
0
0
1
0
0
0
1
0
0
1
0
1
1
Frequency (MHz)
-60
-50
-40
-30
-20
-10
0
10
100
1000
10000
100000
Frequency (MHz)
22pF
6pF
3pF
Typical MOSCaps : 50M-25GHz
Au/TaN bond pad, Cr/Au back side
MIS/MOS Single Layer Capacitors
Metal Insulator Semiconductor/Metal Oxide Semiconductor
EXAMPLE S21 AND Q VERSUS FREQUENCY
(DEFINE MEASUREMENTS)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com