Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C84 Datasheet(PDF) 83 Page - Microchip Technology

Part # PIC16C84
Description  8-bit CMOS EEPROM Microcontroller
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C84 Datasheet(HTML) 83 Page - Microchip Technology

Back Button PIC16C84 Datasheet HTML 79Page - Microchip Technology PIC16C84 Datasheet HTML 80Page - Microchip Technology PIC16C84 Datasheet HTML 81Page - Microchip Technology PIC16C84 Datasheet HTML 82Page - Microchip Technology PIC16C84 Datasheet HTML 83Page - Microchip Technology PIC16C84 Datasheet HTML 84Page - Microchip Technology PIC16C84 Datasheet HTML 85Page - Microchip Technology PIC16C84 Datasheet HTML 86Page - Microchip Technology PIC16C84 Datasheet HTML 87Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 110 page
background image
PIC16C84
 1996-2013 Microchip Technology Inc.
DS30445D-page 83
12.0
DC & AC CHARACTERISTICS GRAPHS/TABLES FOR PIC16C84
The graphs and tables provided in this section are for design guidance and are not tested or guaranteed.
In some graphs or tables, the data presented are outside specified operating range (i.e., outside specified VDD
range). This is for information only and devices are guaranteed to operate properly only within the specified range.
The data presented in this section is a statistical summary of data collected on units from different lots over a period
of time and matrix samples. 'Typical' represents the mean of the distribution at 25
C, while 'max' or 'min' represents
(mean + 3
) and (mean - 3) respectively, where  is standard deviation.
FIGURE 12-1: TYPICAL RC OSCILLATOR FREQUENCY vs. TEMPERATURE
TABLE 12-1
RC OSCILLATOR FREQUENCIES *
*Measured in PDIP Packages.The percentage variation indicated here is part to part variation due to normal process
distribution. The variation indicated is
3 standard deviation from average value.
Cext
Rext
Average
Fosc @ 5V, 25
C
20 pF
3.3k
4.68 MHz
 27%
5.1k
3.94 MHz
 25%
10k
2.34 MHz
 29%
100k
250.16 kHz
 33%
100 pF
3.3k
1.49 MHz
 25%
5.1k
1.12 MHz
 25%
10k
620.31 kHz
 30%
100k
90.25 kHz
 26%
300 pF
3.3k
524.24 kHz
 28%
5.1k
415.52 kHz
 30%
10k
270.33 kHz
 26%
100k
25.37 kHz
 25%
FOSC
FOSC (25
C)
1.10
1.08
1.06
1.04
1.02
1.00
0.98
0.96
0.94
0.92
0.90
010
20
25
30
40
50
60
70
T(
C)
Frequency Normalized To +25
C
VDD = 5.5V
VDD = 3.5V
Rext
 10 k
Cext = 100 pF
0.88



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com