Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VC0201 Datasheet(PDF) 2 Page - AVX Corporation

Part # VC0201
Description  Miniature 0201 MLV AVX Multilayer Ceramic Transient Voltage Suppressors ESD Protection for any Circuit with Board Space Constraints
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VC0201 Datasheet(HTML) 2 Page - AVX Corporation

  VC0201 Datasheet HTML 1Page - AVX Corporation VC0201 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
30
Miniature 0201 MLV
AVX Multilayer Ceramic Transient Voltage Suppressors
ESD Protection for any Circuit with Board Space Constraints
PHYSICAL DIMENSIONS: mm (inches)
L
W
T
tt
0
12.5
25.0
37.5
50.0
1E-09
1E-08
1E-07
1E-06
1E-05
1E-04
1E-03
1E-02
1E-01
1E+00
1E+00
1E+01
Current (A)
16 V
3.5 V
5.6 V
7 V
VOLTAGE/CURRENT CHARACTERISTICS
0
5
10
15
20
25
30
0
1
10
100
1000
# Pulses
15 pF
33 pF
50 pF
100 pF
TYPLICAL 8 KV ESD PERFORMANCE
(150pF / 300ohm IEC Network)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
Frequency (MHz)
15 pF
33 pF
50 pF
100 pF
TRANSMISSION CHARACTERISTICS
5.6Vdc
Size (EIA)
Lenght (L)
Width (W)
Max Thickness (T)
Terminal (t)
0201
0.60±0.03
0.30±0.03
0.33 max.
0.15±0.05
(0.024±.001)
(0.011±0.001)
(0.013 max.)
(0.006±0.002)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1
10
100
1000
10000
Frequency (MHz)
15 pF
33 pF
50 pF
100 pF
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1.0
10.0
100.0
1000.0
10000.0
Frequency (MHz)
125 pF
150 pF
3.5Vdc
0
625
1250
1875
2500
0
25
50
75
100
Time (n sec)
16 V
3.5 V
5.6 V
7 V
8kV CONTACT ESD vs PULSE 1 Mohm Input
(150pF / 330ohm Network)
Frequency (MHz)
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.1
1.0
10.0
100.0
1000.0
10000.0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com