Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VR15 Datasheet(PDF) 2 Page - AVX Corporation

Part # VR15
Description  Radial Leaded High Temperature Automotive 150쨘C Rated Radial Leaded TransGuard짰
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

VR15 Datasheet(HTML) 2 Page - AVX Corporation

  VR15 Datasheet HTML 1Page - AVX Corporation VR15 Datasheet HTML 2Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
23
Radial Leaded High Temperature Automotive
150ºC Rated Radial Leaded TransGuard
®
TYPICAL PERFORMANCE CURVES
0
20
40
60
80
100
120
1.0E-08
1.0E-07
1.0E-06
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00 1.0E+01 1.0E+02
Current (A)
-10%
-5%
0%
5%
10%
kV Pulse
612
16
25
0
500
1000
1500
2000
2500
0
20
40
60
80
100
120
140
160
180
200
TIME (nsec)
No Part 8kV
VR15AT18A650R
Voltage/Current Characteristics
AEC-Q200-002 ESD Characteristics
ESD Wave Absorption Characteristics
8 kV ESD Vc
(150pF/330ohm IEC Network)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com