Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 101 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 101 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 97Page - Microchip Technology PIC16F87 Datasheet HTML 98Page - Microchip Technology PIC16F87 Datasheet HTML 99Page - Microchip Technology PIC16F87 Datasheet HTML 100Page - Microchip Technology PIC16F87 Datasheet HTML 101Page - Microchip Technology PIC16F87 Datasheet HTML 102Page - Microchip Technology PIC16F87 Datasheet HTML 103Page - Microchip Technology PIC16F87 Datasheet HTML 104Page - Microchip Technology PIC16F87 Datasheet HTML 105Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 101
PIC16F87/88
TABLE 11-5:
INTRC BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 0)
BAUD
RATE
(K)
FOSC = 8 MHz
FOSC = 4 MHz
FOSC = 2 MHz
FOSC = 1 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
NA
—
—
0.300
0
207
0.300
0
103
0.300
0
51
1.2
1.202
+0.16
103
1.202
+0.16
51
1.202
+0.16
25
1.202
+0.16
12
2.4
2.404
+0.16
51
2.404
+0.16
25
2.404
+0.16
12
2.232
-6.99
6
9.6
9.615
+0.16
12
8.929
-6.99
6
10.417
+8.51
2
NA
—
—
19.2
17.857
-6.99
6
20.833
+8.51
2
NA
—
—
NA
—
—
28.8
31.250
+8.51
3
31.250
+8.51
1
31.250
+8.51
0
NA
—
—
38.4
41.667
+8.51
2
NA
—
—
NA
—
—
NA
—
—
57.6
62.500
+8.51
1
62.500
8.51
0
NA
—
—
NA
—
—
TABLE 11-6:
INTRC BAUD RATES FOR ASYNCHRONOUS MODE (BRGH = 1)
BAUD
RATE
(K)
FOSC = 8 MHz
FOSC = 4 MHz
FOSC = 2 MHz
FOSC = 1 MHz
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
KBAUD
%
ERROR
SPBRG
value
(decimal)
0.3
NA
—
—
NA
—
—
NA
—
—
0.300
0
207
1.2
NA
—
—
1.202
+0.16
207
1.202
+0.16
103
1.202
+0.16
51
2.4
2.404
+0.16
207
2.404
+0.16
103
2.404
+0.16
51
2.404
+0.16
25
9.6
9.615
+0.16
51
9.615
+0.16
25
9.615
+0.16
12
8.929
-6.99
6
19.2
19.231
+0.16
25
19.231
+0.16
12
17.857
-6.99
6
20.833
+8.51
2
28.8
29.412
+2.12
16
27.778
-3.55
8
31.250
+8.51
3
31.250
+8.51
1
38.4
38.462
+0.16
12
35.714
-6.99
6
41.667
+8.51
2
NA
—
—
57.6
55.556
-3.55
8
62.500
+8.51
3
62.500
+8.51
1
62.500
+8.51
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com