Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 15 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 15 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 11Page - Microchip Technology PIC16F87 Datasheet HTML 12Page - Microchip Technology PIC16F87 Datasheet HTML 13Page - Microchip Technology PIC16F87 Datasheet HTML 14Page - Microchip Technology PIC16F87 Datasheet HTML 15Page - Microchip Technology PIC16F87 Datasheet HTML 16Page - Microchip Technology PIC16F87 Datasheet HTML 17Page - Microchip Technology PIC16F87 Datasheet HTML 18Page - Microchip Technology PIC16F87 Datasheet HTML 19Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 15
PIC16F87/88
Bank 1
80h(2)
INDF
Addressing this location uses contents of FSR to address data memory (not a physical register)
0000 0000
26, 135
81h
OPTION_REG
RBPU
INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
18, 69
82h(2)
PCL
Program Counter (PC) Least Significant Byte
0000 0000
135
83h(2)
STATUS
IRP
RP1
RP0
TO
PD
ZDC
C
0001 1xxx
17
84h(2)
FSR
Indirect Data Memory Address Pointer
xxxx xxxx
135
85h
TRISA
TRISA7
TRISA6
TRISA5(3)
PORTA Data Direction Register (TRISA<4:0>)
1111 1111
52, 126
86h
TRISB
PORTB Data Direction Register
1111 1111
58, 85
87h
—
Unimplemented
—
—
88h
—
Unimplemented
—
—
89h
—
Unimplemented
—
—
8Ah(1,2)
PCLATH
—
—
—
Write Buffer for the Upper 5 bits of the Program Counter
---0 0000
135
8Bh(2)
INTCON
GIE
PEIE
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
19, 69,
77
8Ch
PIE1
—
ADIE(4)
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE
TMR1IE
-000 0000
20, 80
8Dh
PIE2
OSFIE
CMIE
—EEIE
—
—
—
—
00-0 ----
22, 34
8Eh
PCON
—
—
—
—
—
—POR
BOR
---- --0q
24
8Fh
OSCCON
—
IRCF2
IRCF1
IRCF0
OSTS
IOFS
SCS1
SCS0
-000 0000
40
90h
OSCTUNE
—
—
TUN5
TUN4
TUN3
TUN2
TUN1
TUN0
--00 0000
38
91h
—
Unimplemented
—
—
92h
PR2
Timer2 Period Register
1111 1111
80, 85
93h
SSPADD
Synchronous Serial Port (I2C™ mode) Address Register
0000 0000
95
94h
SSPSTAT
SMP
CKE
D/A
PS
R/W
UA
BF
0000 0000
88, 95
95h
—
Unimplemented
—
—
96h
—
Unimplemented
—
—
97h
—
Unimplemented
—
—
98h
TXSTA
CSRC
TX9
TXEN
SYNC
—
BRGH
TRMT
TX9D
0000 -010
97, 99
99h
SPBRG
Baud Rate Generator Register
0000 0000
99, 103
9Ah
—
Unimplemented
—
—
9Bh
ANSEL(4)
—
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
-111 1111
120
9Ch
CMCON
C2OUT
C1OUT
C2INV
C1INV
CIS
CM2
CM1
CM0
0000 0111
121,
126, 128
9Dh
CVRCON
CVREN
CVROE
CVRR
—
CVR3
CVR2
CVR1
CVR0
000- 0000
126, 128
9Eh
ADRESL(4)
A/D Result Register Low Byte
xxxx xxxx
120
9Fh
ADCON1(4)
ADFM
ADCS2
VCFG1
VCFG0
—
—
—
—
0000 ----
52, 115,
120
TABLE 2-1:
SPECIAL FUNCTION REGISTER SUMMARY (CONTINUED)
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR, BOR
Details
on
page
Legend:
x
= unknown, u = unchanged, q = value depends on condition, - = unimplemented, read as ‘0’, r = reserved.
Shaded locations are unimplemented, read as ‘0’.
Note
1:
The upper byte of the program counter is not directly accessible. PCLATH is a holding register for PC<12:8>, whose
contents are transferred to the upper byte of the program counter.
2:
These registers can be addressed from any bank.
3:
RA5 is an input only; the state of the TRISA5 bit has no effect and will always read ‘1’.
4:
PIC16F88 device only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com