Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 115 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 115 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 111Page - Microchip Technology PIC16F87 Datasheet HTML 112Page - Microchip Technology PIC16F87 Datasheet HTML 113Page - Microchip Technology PIC16F87 Datasheet HTML 114Page - Microchip Technology PIC16F87 Datasheet HTML 115Page - Microchip Technology PIC16F87 Datasheet HTML 116Page - Microchip Technology PIC16F87 Datasheet HTML 117Page - Microchip Technology PIC16F87 Datasheet HTML 118Page - Microchip Technology PIC16F87 Datasheet HTML 119Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 230 page
background image
 2002-2013 Microchip Technology Inc.
DS30487D-page 115
PIC16F87/88
REGISTER 12-3:
ADCON1: A/D CONTROL REGISTER1 (ADDRESS 9Fh)PIC16F88 DEVICES ONLY
R/W-0
R/W-0
R/W-0
R/W-0
U-0
U-0
U-0
U-0
ADFM
ADCS2
VCFG1
VCFG0
—
—
—
—
bit 7
bit 0
bit 7
ADFM: A/D Result Format Select bit
1
= Right justified. Six Most Significant bits of ADRESH are read as ‘0’.
0
= Left justified. Six Least Significant bits of ADRESL are read as ‘0’.
bit 6
ADCS2: A/D Clock Divide by 2 Select bit
1
= A/D clock source is divided by 2 when system clock is used
0
=Disabled
bit 5-4
VCFG<1:0>: A/D Voltage Reference Configuration bits
Note:
The ANSEL bits for AN3 and AN2 inputs must be configured as analog inputs for the
VREF+ and VREF- external pins to be used.
bit 3-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
Logic State
VREF+VREF-
00
AVDD
AVSS
01
AVDD
VREF-
10
VREF+
AVSS
11
VREF+
VREF-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com