Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 120 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 120 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 116Page - Microchip Technology PIC16F87 Datasheet HTML 117Page - Microchip Technology PIC16F87 Datasheet HTML 118Page - Microchip Technology PIC16F87 Datasheet HTML 119Page - Microchip Technology PIC16F87 Datasheet HTML 120Page - Microchip Technology PIC16F87 Datasheet HTML 121Page - Microchip Technology PIC16F87 Datasheet HTML 122Page - Microchip Technology PIC16F87 Datasheet HTML 123Page - Microchip Technology PIC16F87 Datasheet HTML 124Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 120 / 230 page
background image
PIC16F87/88
DS30487D-page 120
 2002-2013 Microchip Technology Inc.
12.6
A/D Operation During Sleep
The A/D module can operate during Sleep mode. This
requires that the A/D clock source be set to RC
(ADCS1:ADCS0 = 11). When the RC clock source is
selected, the A/D module waits one instruction cycle
before starting the conversion. This allows the SLEEP
instruction to be executed which eliminates all digital
switching noise from the conversion. When the conver-
sion is completed, the GO/DONE bit will be cleared and
the result loaded into the ADRES registers. If the A/D
interrupt is enabled, the device will wake-up from
Sleep. If the A/D interrupt is not enabled, the A/D
module will then be turned off, although the ADON bit
will remain set.
When the A/D clock source is another clock option (not
RC), a SLEEP instruction will cause the present conver-
sion to be aborted and the A/D module to be turned off,
though the ADON bit will remain set.
Turning off the A/D places the A/D module in its lowest
current consumption state.
12.7
Effects of a Reset
A device Reset forces all registers to their Reset state.
The A/D module is disabled and any conversion in
progress is aborted. All A/D input pins are configured
as analog inputs.
The value that is in the ADRESH:ADRESL registers
is
not
modified
for
a
Power-on
Reset.
The
ADRESH:ADRESL registers will contain unknown data
after a Power-on Reset.
12.8
Use of the CCP Trigger
An A/D conversion can be started by the “special event
trigger” of the CCP module. This requires that the
CCP1M3:CCP1M0 bits (CCP1CON<3:0>) be pro-
grammed as ‘1011’ and that the A/D module is enabled
(ADON bit is set). When the trigger occurs, the GO/
DONE bit will be set, starting the A/D conversion and
the Timer1 counter will be reset to zero. Timer1 is reset
to automatically repeat the A/D acquisition period with
minimal
software
overhead
(moving
the
ADRESH:ADRESL to the desired location). The appro-
priate analog input channel must be selected and the
minimum acquisition done before the “special event
trigger” sets the GO/DONE bit (starts a conversion).
If the A/D module is not enabled (ADON is cleared), then
the “special event trigger” will be ignored by the A/D
module, but will still reset the Timer1 counter.
Note:
For the A/D module to operate in Sleep,
the A/D clock source must be set to RC
(ADCS1:ADCS0 = 11). To perform an A/D
conversion in Sleep, ensure the SLEEP
instruction
immediately
follows
the
instruction that sets the GO/DONE bit.
TABLE 12-2:
REGISTERS/BITS ASSOCIATED WITH A/D
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Value on
all other
Resets
0Bh, 8Bh
10Bh,
18Bh
INTCON
GIE
PEIE
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x 0000 000u
0Ch
PIR1
—ADIF(1)
RCIF
TXIF
SSPIF
CCP1IF
TMR2IF TMR1IF
-000 0000 -000 0000
8Ch
PIE1
—ADIE(1)
RCIE
TXIE
SSPIE
CCP1IE
TMR2IE TMR1IE
-000 0000 -000 0000
1Eh
ADRESH(2) A/D Result Register High Byte
xxxx xxxx uuuu uuuu
9Eh
ADRESL(2)
A/D Result Register Low Byte
xxxx xxxx uuuu uuuu
1Fh
ADCON0(2) ADCS1 ADCS0
CHS2
CHS1
CHS0
GO/DONE
—ADON
0000 00-0 0000 00-0
9Fh
ADCON1(2)
ADFM
ADCS2
VCFG1
VCFG0
—
—
—
—
0000 ---- 0000 ----
9Bh
ANSEL(2
—
ANS6
ANS5
ANS4
ANS3
ANS2
ANS1
ANS0
-111 1111 -111 1111
05h
PORTA
(PIC16F87)
(PIC16F88)
RA7
RA6
RA5
RA4
RA3
RA2
RA1
RA0
xxxx 0000
xxx0 0000
uuuu 0000
uuu0 0000
05h, 106h
PORTB
(PIC16F87)
(PIC16F88)
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0
xxxx xxxx
00xx xxxx
uuuu uuuu
00uu uuuu
85h
TRISA
TRISA7 TRISA6 TRISA5(3) PORTA Data Direction Register (TRISA<4:0>)
1111 1111 1111 1111
86h, 186h
TRISB
TRISB7 TRISB6
TRISB5
TRISB4 TRISB3
TRISB2
TRISB1
TRISB0
1111 1111 1111 1111
Legend:
x
= unknown, u = unchanged, - = unimplemented, read as ‘0’. Shaded cells are not used for A/D conversion.
Note
1:
This bit is only implemented on the PIC16F88. The bit will read ‘0’ on the PIC16F87.
2:
PIC16F88 only.
3:
Pin 5 is an input only; the state of the TRISA5 bit has no effect and will always read ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com