Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F87 Datasheet(PDF) 140 Page - Microchip Technology

Part # PIC16F87
Description  18/20/28-Pin Enhanced Flash MCUs with nanoWatt Technology
PDF  230 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F87 Datasheet(HTML) 140 Page - Microchip Technology

Back Button PIC16F87 Datasheet HTML 136Page - Microchip Technology PIC16F87 Datasheet HTML 137Page - Microchip Technology PIC16F87 Datasheet HTML 138Page - Microchip Technology PIC16F87 Datasheet HTML 139Page - Microchip Technology PIC16F87 Datasheet HTML 140Page - Microchip Technology PIC16F87 Datasheet HTML 141Page - Microchip Technology PIC16F87 Datasheet HTML 142Page - Microchip Technology PIC16F87 Datasheet HTML 143Page - Microchip Technology PIC16F87 Datasheet HTML 144Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 230 page
background image
PIC16F87/88
DS30487D-page 140
 2002-2013 Microchip Technology Inc.
15.10.1
INT INTERRUPT
External interrupt on the RB0/INT pin is edge-triggered,
either rising if bit INTEDG (OPTION_REG<6>) is set,
or falling if the INTEDG bit is clear. When a valid edge
appears
on the RB0/INT pin, flag bit, INT0IF
(INTCON<1>), is set. This interrupt can be disabled by
clearing enable bit INT0IE (INTCON<4>). Flag bit
INT0IF must be cleared in software in the Interrupt
Service Routine before re-enabling this interrupt. The
INT interrupt can wake-up the processor from Sleep, if
bit INT0IE was set prior to going into Sleep. The status
of global interrupt enable bit GIE decides whether or
not the processor branches to the interrupt vector,
following wake-up. See Section 15.13 “Power-Down
Mode (Sleep)” for details on Sleep mode.
15.10.2
TMR0 INTERRUPT
An overflow (FFh
 00h) in the TMR0 register will set
flag bit TMR0IF (INTCON<2>). The interrupt can be
enabled/disabled by setting/clearing enable bit TMR0IE
(INTCON<5>), see Section 6.0 “Timer0 Module”.
15.10.3
PORTB INTCON CHANGE
An input change on PORTB<7:4> sets flag bit RBIF
(INTCON<0>). The interrupt can be enabled/disabled
by setting/clearing enable bit RBIE (INTCON<4>), see
Section 3.2 “EECON1 and EECON2 Registers”.
15.11 Context Saving During Interrupts
During an interrupt, only the return PC value is saved on
the stack. Typically, users may wish to save key registers
during an interrupt (i.e., W, STATUS registers).
Since the upper 16 bytes of each bank are common in
the PIC16F87/88 devices, temporary holding registers
W_TEMP,
STATUS_TEMP
and
PCLATH_TEMP
should be placed in here. These 16 locations don’t
require banking and therefore, make it easier for
context save and restore. The same code shown in
Example 15-1 can be used.
EXAMPLE 15-1:
SAVING STATUS, W AND PCLATH REGISTERS IN RAM
MOVWF
W_TEMP
;Copy W to TEMP register
SWAPF
STATUS, W
;Swap status to be saved into W
CLRF
STATUS
;bank 0, regardless of current bank, Clears IRP,RP1,RP0
MOVWF
STATUS_TEMP
;Save status to bank zero STATUS_TEMP register
MOVF
PCLATH, W
;Only required if using page 1
MOVWF
PCLATH_TEMP
;Save PCLATH into W
CLRF
PCLATH
;Page zero, regardless of current page
:
:(ISR)
;(Insert user code here)
:
MOVF
PCLATH_TEMP, W
;Restore PCLATH
MOVWF
PCLATH
;Move W into PCLATH
SWAPF
STATUS_TEMP, W
;Swap STATUS_TEMP register into W
;(sets bank to original state)
MOVWF
STATUS
;Move W into STATUS register
SWAPF
W_TEMP, F
;Swap W_TEMP
SWAPF
W_TEMP, W
;Swap W_TEMP into W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com