Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-1UMG64C Datasheet(PDF) 63 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-1UMG64C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-1UMG64C Datasheet(HTML) 63 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-1UMG64C Datasheet HTML 59Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 60Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 61Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 62Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 63Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 64Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 65Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 66Page - Lattice Semiconductor LCMXO2-256ZE-1UMG64C Datasheet HTML 67Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 106 page
background image
3-24
DC and Switching Characteristics
MachXO2 Family Data Sheet
tSU_DEL
Clock to Data Setup - PIO
Input Register with Data Input
Delay
MachXO2-256ZE
2.62
—
2.91
—
3.14
—
ns
MachXO2-640ZE
2.56
—
2.85
—
3.08
—
ns
MachXO2-1200ZE
2.30
—
2.57
—
2.79
—
ns
MachXO2-2000ZE
2.25
—
2.50
—
2.70
—
ns
MachXO2-4000ZE
2.39
—
2.60
—
2.76
—
ns
MachXO2-7000ZE
2.17
—
2.33
—
2.43
—
ns
tH_DEL
Clock to Data Hold - PIO Input
Register with Input Data Delay
MachXO2-256ZE
-0.44
—
-0.44
—
-0.44
—
ns
MachXO2-640ZE
-0.43
—
-0.43
—
-0.43
—
ns
MachXO2-1200ZE
-0.28
—
-0.28
—
-0.28
—
ns
MachXO2-2000ZE
-0.31
—
-0.31
—
-0.31
—
ns
MachXO2-4000ZE
-0.34
—
-0.34
—
-0.34
—
ns
MachXO2-7000ZE
-0.21
—
-0.21
—
-0.21
—
ns
fMAX_IO
Clock Frequency of I/O and
PFU Register
All MachXO2 devices
—
150
—
125
—
104
MHz
General I/O Pin Parameters (Using Edge Clock without PLL)
tCOE
Clock to Output - PIO Output
Register
MachXO2-1200ZE
—
11.10
—
11.51
—
11.91
ns
MachXO2-2000ZE
—
11.10
—
11.51
—
11.91
ns
MachXO2-4000ZE
—
10.89
—
11.28
—
11.67
ns
MachXO2-7000ZE
—
11.10
—
11.51
—
11.91
ns
tSUE
Clock to Data Setup - PIO
Input Register
MachXO2-1200ZE
-0.23
—
-0.23
—
-0.23
—
ns
MachXO2-2000ZE
-0.23
—
-0.23
—
-0.23
—
ns
MachXO2-4000ZE
-0.15
—
-0.15
—
-0.15
—
ns
MachXO2-7000ZE
-0.23
—
-0.23
—
-0.23
—
ns
tHE
Clock to Data Hold - PIO Input
Register
MachXO2-1200ZE
3.81
—
4.11
—
4.52
—
ns
MachXO2-2000ZE
3.81
—
4.11
—
4.52
—
ns
MachXO2-4000ZE
3.60
—
3.89
—
4.28
—
ns
MachXO2-7000ZE
3.81
—
4.11
—
4.52
—
ns
tSU_DELE
Clock to Data Setup - PIO
Input Register with Data Input
Delay
MachXO2-1200ZE
2.78
—
3.11
—
3.40
—
ns
MachXO2-2000ZE
2.78
—
3.11
—
3.40
—
ns
MachXO2-4000ZE
3.11
—
3.48
—
3.79
—
ns
MachXO2-7000ZE
2.94
—
3.30
—
3.60
—
ns
tH_DELE
Clock to Data Hold - PIO Input
Register with Input Data Delay
MachXO2-1200ZE
-0.29
—
-0.29
—
-0.29
—
ns
MachXO2-2000ZE
-0.29
—
-0.29
—
-0.29
—
ns
MachXO2-4000ZE
-0.46
—
-0.46
—
-0.46
—
ns
MachXO2-7000ZE
-0.37
—
-0.37
—
-0.37
—
ns
General I/O Pin Parameters (Using Primary Clock with PLL)
tCOPLL
Clock to Output - PIO Output
Register
MachXO2-1200ZE
—
7.95
—
8.07
—
8.19
ns
MachXO2-2000ZE
—
7.97
—
8.10
—
8.22
ns
MachXO2-4000ZE
—
7.98
—
8.10
—
8.23
ns
MachXO2-7000ZE
—
8.02
—
8.14
—
8.26
ns
tSUPLL
Clock to Data Setup - PIO
Input Register
MachXO2-1200ZE
0.85
—
0.85
—
0.89
—
ns
MachXO2-2000ZE
0.84
—
0.84
—
0.86
—
ns
MachXO2-4000ZE
0.84
—
0.84
—
0.85
—
ns
MachXO2-7000ZE
0.83
—
0.83
—
0.81
—
ns
Parameter
Description
Device
-3
-2
-1
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com