Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F752 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC12F752
Description  14/16-Pin, Flash-Based 8-Bit CMOS Microcontrollers
PDF  238 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F752 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC12F752 Datasheet HTML 35Page - Microchip Technology PIC12F752 Datasheet HTML 36Page - Microchip Technology PIC12F752 Datasheet HTML 37Page - Microchip Technology PIC12F752 Datasheet HTML 38Page - Microchip Technology PIC12F752 Datasheet HTML 39Page - Microchip Technology PIC12F752 Datasheet HTML 40Page - Microchip Technology PIC12F752 Datasheet HTML 41Page - Microchip Technology PIC12F752 Datasheet HTML 42Page - Microchip Technology PIC12F752 Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 238 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS40001709A-page 39
PIC16F753/HV753
4.3
System Clock Output
The CLKOUT pin is available for general purpose I/O or
system clock output. The CLKOUTEN bit of the
Configuration Word controls the function of the
CLKOUT pin.
When the CLKOUTEN bit is cleared, the CLKOUT pin
is driven by the selected internal oscillator frequency
divided by 4. The corresponding I/O pin always reads
‘0’ in this configuration.
The CLKOUT signal may be used to provide a clock for
external circuitry, synchronization, calibration, test or
other application requirements.
When the CLKOUTEN bit is set, the system clock out
function is disabled and the CLKOUT pin is available for
general purpose I/O.
4.4
Oscillator Delay upon Wake-Up,
Power-Up, and Base Frequency
Change
In applications where the OSCTUNE register is used to
shift the HFINTOSC frequency, the application should
not expect the frequency to stabilize immediately. In
this case, the frequency may shift gradually toward the
new value. The time for this frequency shift is less than
eight cycles of the base frequency.
A short delay is invoked upon power-up and when
waking from sleep to allow the memory bias circuitry to
stabilize. Table 4-1 shows examples where the oscillator
delay is invoked.
TABLE 4-1:
OSCILLATOR DELAY EXAMPLES
Switch From
Switch To
Frequency
Oscillator Delay
Sleep/POR
INTOSC
31 kHz to 8 MHz
10
s internal delay to allow memory
bias to stabilize.
Sleep/POR
EC
DC – 20 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com