Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-1TG100C Datasheet(PDF) 58 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-1TG100C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-1TG100C Datasheet(HTML) 58 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-1TG100C Datasheet HTML 54Page - Lattice Semiconductor LCMXO2-256ZE-1TG100C Datasheet HTML 55Page - Lattice Semiconductor LCMXO2-256ZE-1TG100C Datasheet HTML 56Page - Lattice Semiconductor LCMXO2-256ZE-1TG100C Datasheet HTML 57Page - Lattice Semiconductor LCMXO2-256ZE-1TG100C Datasheet HTML 58Page - Lattice Semiconductor LCMXO2-256ZE-1TG100C Datasheet HTML 59Page - Lattice Semiconductor LCMXO2-256ZE-1TG100C Datasheet HTML 60Page - Lattice Semiconductor LCMXO2-256ZE-1TG100C Datasheet HTML 61Page - Lattice Semiconductor LCMXO2-256ZE-1TG100C Datasheet HTML 62Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 106 page
background image
3-19
DC and Switching Characteristics
MachXO2 Family Data Sheet
tHPLL
Clock to Data Hold - PIO Input
Register
MachXO2-1200HC-HE
0.41
—
0.48
—
0.55
—
ns
MachXO2-2000HC-HE
0.42
—
0.49
—
0.56
—
ns
MachXO2-4000HC-HE
0.43
—
0.50
—
0.58
—
ns
MachXO2-7000HC-HE
0.46
—
0.54
—
0.62
—
ns
tSU_DELPLL
Clock to Data Setup - PIO
Input Register with Data Input
Delay
MachXO2-1200HC-HE
2.88
—
3.19
—
3.72
—
ns
MachXO2-2000HC-HE
2.87
—
3.18
—
3.70
—
ns
MachXO2-4000HC-HE
2.96
—
3.28
—
3.81
—
ns
MachXO2-7000HC-HE
3.05
—
3.35
—
3.87
—
ns
tH_DELPLL
Clock to Data Hold - PIO Input
Register with Input Data Delay
MachXO2-1200HC-HE
-0.83
—
-0.83
—
-0.83
—
ns
MachXO2-2000HC-HE
-0.83
—
-0.83
—
-0.83
—
ns
MachXO2-4000HC-HE
-0.87
—
-0.87
—
-0.87
—
ns
MachXO2-7000HC-HE
-0.91
—
-0.91
—
-0.91
—
ns
Generic DDRX1 Inputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input – GDDRX1_RX.SCLK.Aligned
9
tDVA
Input Data Valid After CLK
All MachXO2 devices,
all sides
—
0.317
—
0.344
—
0.368
UI
tDVE
Input Data Hold After CLK
0.742
—
0.702
—
0.668
—
UI
fDATA
DDRX1 Input Data Speed
—
300
—
250
—
208
Mbps
fDDRX1
DDRX1 SCLK Frequency
—
150
—
125
—
104
MHz
Generic DDRX1 Inputs with Clock and Data Centered at Pin Using PCLK Pin for Clock Input – GDDRX1_RX.SCLK.Centered
9
tSU
Input Data Setup Before CLK
All MachXO2 devices,
all sides
0.566
—
0.560
—
0.538
—
ns
tHO
Input Data Hold After CLK
0.778
—
0.879
—
1.090
—
ns
fDATA
DDRX1 Input Data Speed
—
300
—
250
—
208
Mbps
fDDRX1
DDRX1 SCLK Frequency
—
150
—
125
—
104
MHz
Generic DDRX2 Inputs with Clock and Data Aligned at Pin Using PCLK Pin for Clock Input – GDDRX2_RX.ECLK.Aligned
9
tDVA
Input Data Valid After CLK
MachXO2-640U,
MachXO2-1200/U and
larger devices,
bottom side only
—
0.316
—
0.342
—
0.364
UI
tDVE
Input Data Hold After CLK
0.710
—
0.675
—
0.679
—
UI
fDATA
DDRX2 Serial Input Data
Speed
—
664
—
554
—
462
Mbps
fDDRX2
DDRX2 ECLK Frequency
—
332
—
277
—
231
MHz
fSCLK
SCLK Frequency
—
166
—
139
—
116
MHz
Generic DDRX2 Inputs with Clock and Data Centered at Pin Using PCLK Pin for Clock Input – GDDRX2_RX.ECLK.Centered
9
tSU
Input Data Setup Before CLK
MachXO2-640U,
MachXO2-1200/U and
larger devices,
bottom side only
0.233
—
0.219
—
0.198
—
ns
tHO
Input Data Hold After CLK
0.287
—
0.287
—
0.344
—
ns
fDATA
DDRX2 Serial Input Data
Speed
—
664
—
554
—
462
Mbps
fDDRX2
DDRX2 ECLK Frequency
—
332
—
277
—
231
MHz
fSCLK
SCLK Frequency
—
166
—
139
—
116
MHz
Parameter
Description
Device
-6
-5
-4
Units
Min.
Max.
Min.
Max.
Min.
Max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com