Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCMXO2-256ZE-1MG132C Datasheet(PDF) 21 Page - Lattice Semiconductor

Part # LCMXO2-256ZE-1MG132C
Description  MachXO2??Family Data Sheet
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LCMXO2-256ZE-1MG132C Datasheet(HTML) 21 Page - Lattice Semiconductor

Back Button LCMXO2-256ZE-1MG132C Datasheet HTML 17Page - Lattice Semiconductor LCMXO2-256ZE-1MG132C Datasheet HTML 18Page - Lattice Semiconductor LCMXO2-256ZE-1MG132C Datasheet HTML 19Page - Lattice Semiconductor LCMXO2-256ZE-1MG132C Datasheet HTML 20Page - Lattice Semiconductor LCMXO2-256ZE-1MG132C Datasheet HTML 21Page - Lattice Semiconductor LCMXO2-256ZE-1MG132C Datasheet HTML 22Page - Lattice Semiconductor LCMXO2-256ZE-1MG132C Datasheet HTML 23Page - Lattice Semiconductor LCMXO2-256ZE-1MG132C Datasheet HTML 24Page - Lattice Semiconductor LCMXO2-256ZE-1MG132C Datasheet HTML 25Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 106 page
background image
2-17
Architecture
MachXO2 Family Data Sheet
In DDR generic mode, D0 and D1 inputs are fed into registers on the positive edge of the clock. At the next falling
edge the registered D1 input is registered into the register Q1. A multiplexer running off the same clock is used to
switch the mux between the outputs of registers Q0 and Q1 that will then feed the output.
Figure 2-14 shows the output register block on the left, top and bottom edges.
Figure 2-14. MachXO2 Output Register Block Diagram (PIO on the Left, Top and Bottom Edges)
Right Edge
The output register block on the right edge is a superset of the output register on left, top and bottom edges of the
device. In addition to supporting SDR and Generic DDR modes, the output register blocks for PIOs on the right
edge include additional logic to support DDR-memory interfaces. Operation of this block is similar to that of the out-
put register block on other edges.
In DDR memory mode, D0 and D1 inputs are fed into registers on the positive edge of the clock. At the next falling
edge the registered D1 input is registered into the register Q1. A multiplexer running off the DQSW90 signal is used
to switch the mux between the outputs of registers Q0 and Q1 that will then feed the output.
Figure 2-15 shows the output register block on the right edge.
Output path
TQ
D/L Q
TD
Tri-state path
Q
D1
D
Q
D
Q
Q1
D/L Q
Q0
D0
SCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com