Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F23K22 Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC18F23K22
Description  Flash Memory Programming Specification
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F23K22 Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC18F23K22 Datasheet HTML 34Page - Microchip Technology PIC18F23K22 Datasheet HTML 35Page - Microchip Technology PIC18F23K22 Datasheet HTML 36Page - Microchip Technology PIC18F23K22 Datasheet HTML 37Page - Microchip Technology PIC18F23K22 Datasheet HTML 38Page - Microchip Technology PIC18F23K22 Datasheet HTML 39Page - Microchip Technology PIC18F23K22 Datasheet HTML 40Page - Microchip Technology PIC18F23K22 Datasheet HTML 41Page - Microchip Technology PIC18F23K22 Datasheet HTML 42Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 42 page
background image
 2010 Microchip Technology Inc.
Advance Information
DS41398B-page 39
PIC18(L)F2XK22/4XK22
P14
TVALID Data Out Valid from PGC
10
—
ns
P15
THLD4
Input data hold time from MCLR
400
—
s
P16
TDLY8
Delay between Last PGC
 and MCLR/VPP/RE3 
0—
s
P17
THLD3MCLR/VPP/RE3
to VDD
—
100
ns
P18
TKEY1
Delay from First MCLR
to first PGC for Key Sequence
on PGD
1—
ms
P19
THIZ
Delay from PGC
to PGD High-Z
310
ns
P20
TKEY2
Delay from Last PGC
for Key Sequence on PGD to
Second MCLR
40
—
ns
Standard Operating Conditions
Operating Temperature: 25
C is recommended
Param
No.
Sym.
Characteristic
Min.
Max.
Units
Conditions
Note 1:
Do not allow excess time when transitioning MCLR between VIL and VIHH; this can cause spurious program executions
to occur. The maximum transition time is:
1 TCY + TPWRT (if enabled) + 1024 TOSC (for LP, HS, HS/PLL and XT modes only) + 2 ms (for HS/PLL mode only) + 1.5
s (for EC mode only) where TCY is the instruction cycle time, TPWRT is the Power-up Timer period and TOSC is the
oscillator period. For specific values, refer to the Electrical Characteristics section of the device data sheet for the
particular device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com