Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18LF2X Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18LF2X
Description  Flash Memory Programming Specification
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18LF2X Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18LF2X Datasheet HTML 17Page - Microchip Technology PIC18LF2X Datasheet HTML 18Page - Microchip Technology PIC18LF2X Datasheet HTML 19Page - Microchip Technology PIC18LF2X Datasheet HTML 20Page - Microchip Technology PIC18LF2X Datasheet HTML 21Page - Microchip Technology PIC18LF2X Datasheet HTML 22Page - Microchip Technology PIC18LF2X Datasheet HTML 23Page - Microchip Technology PIC18LF2X Datasheet HTML 24Page - Microchip Technology PIC18LF2X Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
 2012 Microchip Technology Inc.
DS41630B-page 21
PIC18(L)F2X/4XK50
TABLE 3-7:
PROGRAMMING DATA MEMORY
4-bit
Command
Data Payload
Core Instruction
Step 1: Direct access to data EEPROM.
0000
0000
9E A6
9C A6
BCF EECON1, EEPGD
BCF EECON1, CFGS
Step 2: Set the data EEPROM Address Pointer.
0000
0000
0000
0000
0E <Addr>
6E A9
OE <AddrH>
6E AA
MOVLW <Addr>
MOVWF EEADR
MOVLW <AddrH>
MOVWF EEADRH
Step 3: Load the data to be written.
0000
0000
0E <Data>
6E A8
MOVLW <Data>
MOVWF EEDATA
Step 4: Enable memory writes.
0000
84 A6
BSF EECON1, WREN
Step 5: Initiate write.
0000
0000
0000
82 A6
00 00
00 00
BSF EECON1, WR
NOP
NOP ;write starts on 4th clock of this instruction
Step 6: Poll WR bit, repeat until the bit is clear.
0000
0000
0000
0010
50 A6
6E F5
00 00
<MSB><LSB>
MOVF EECON1, W, 0
MOVWF TABLAT
NOP
Shift out data(1)
Step 7: Hold PGC low for time P10.
Step 8: Disable writes.
0000
94 A6
BCF EECON1, WREN
Repeat steps 2 through 8 to write more data.
Note 1: See Figure 4-4 for details on shift out data timing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com