Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASBSERIES Datasheet(PDF) 2 Page - EPCOS

Part # ASBSERIES
Description  Barometric pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASBSERIES Datasheet(HTML) 2 Page - EPCOS

  ASBSERIES Datasheet HTML 1Page - EPCOS ASBSERIES Datasheet HTML 2Page - EPCOS ASBSERIES Datasheet HTML 3Page - EPCOS ASBSERIES Datasheet HTML 4Page - EPCOS ASBSERIES Datasheet HTML 5Page - EPCOS ASBSERIES Datasheet HTML 6Page - EPCOS ASBSERIES Datasheet HTML 7Page - EPCOS ASBSERIES Datasheet HTML 8Page - EPCOS ASBSERIES Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pressure sensors
Barometric pressure transmitters for SMT
ASB series
Preliminary data
AS SEN PD
2011-05-02
Please read Cautions and warnings and
Page 2 of 16
Important notes at the end of this document
.
Description
Pressure sensor transmitters based on
piezoresistive silicon pressure dies
On board compensation circuit for non-linearity
and temperature error
Miniaturized SMD hybrid package
(4.3mm x 4.3mm x 2.4mm)
Features
Analog ratiometric interface with adjustable
output limits (clipping) or digital 14 bit I²C
interface
Diagnosis functions like loss of Vdd/Vss,
bridge connections and short cuts
High immunity against electromagnetic
influences
Plastic free surface mount technology for
reflow soldering
Conforming to RoHS Directive
Options
Other output characteristics and / or rated
pressure ranges upon request
Table of Contents
1.
Technical Data .........................................................................................................3
2.
Analog Output (VR/V1) ............................................................................................4
3.
Digital Output – I²C (D5) ..........................................................................................5
4.
Total Error (Temperature Error Multiplier) ................................................................9
5.
Board Layout (Recommendation) .............................................................................9
6.
Reliability Testing ...................................................................................................10
7.
Product Key ............................................................................................................11
8.
Ordering Codes ......................................................................................................11
9.
Packaging...............................................................................................................12
10. Reflow Soldering ....................................................................................................13
Symbols and terms........................................................................................................14
Cautions and warnings ..................................................................................................15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com