Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASRSERIES Datasheet(PDF) 2 Page - EPCOS

Part # ASRSERIES
Description  Gauge pressure transmitters for SMT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

ASRSERIES Datasheet(HTML) 2 Page - EPCOS

  ASRSERIES Datasheet HTML 1Page - EPCOS ASRSERIES Datasheet HTML 2Page - EPCOS ASRSERIES Datasheet HTML 3Page - EPCOS ASRSERIES Datasheet HTML 4Page - EPCOS ASRSERIES Datasheet HTML 5Page - EPCOS ASRSERIES Datasheet HTML 6Page - EPCOS ASRSERIES Datasheet HTML 7Page - EPCOS ASRSERIES Datasheet HTML 8Page - EPCOS ASRSERIES Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Pressure sensor
Gauge pressure transmitters for SMT
ASR series
Preliminary data sheet
AS SEN PD TD
2011-05-02
Please read Cautions and warnings and
Page 2 of 16
Important notes at the end of this document
.
Description
Pressure sensor transmitters based on
piezoresistive silicon pressure dies
On board electronic for non-linearity and
temperature error compensation
Miniaturized SMD hybrid package
(4.3 mm x 7.8mm x 3.5 mm)
Features
Analog ratiometric interface with adjustable
output limits (clipping) or digital 14 bit I²C
interface
Diagnosis functions like loss of Vdd/Vss,
bridge connections and short cuts
High immunity against electromagnetic
influences
Plastic free surface mount technology for
reflow soldering
Conforming to RoHS Directive
Options
Pressure ranges up to 1.6 bar (23.2 psi)
Other output characteristics and / or rated
pressure ranges upon request
Table of Contents
1.
Technical Data .........................................................................................................3
2.
Analog Output (VR/V1) ............................................................................................4
3.
Digital Output – I²C (D5) ..........................................................................................5
4.
Total Error (Temperature Error Multiplier) ................................................................9
5.
Pressure Feed ..........................................................................................................9
6.
Board Layout (Recommendation) .............................................................................9
7.
Reliability Testing ...................................................................................................10
8.
Product Key ............................................................................................................11
9.
Ordering Codes ......................................................................................................11
10. Packaging...............................................................................................................12
11. Reflow Soldering ....................................................................................................13
Symbols and terms........................................................................................................14
Cautions and warnings ..................................................................................................15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com