Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FV16KM202 Datasheet(PDF) 13 Page - Microchip Technology

Part # FV16KM202
Description  General Purpose, 16-Bit Flash Microcontroller with XLP Technology Data Sheet
PDF  336 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

FV16KM202 Datasheet(HTML) 13 Page - Microchip Technology

Back Button FV16KM202 Datasheet HTML 9Page - Microchip Technology FV16KM202 Datasheet HTML 10Page - Microchip Technology FV16KM202 Datasheet HTML 11Page - Microchip Technology FV16KM202 Datasheet HTML 12Page - Microchip Technology FV16KM202 Datasheet HTML 13Page - Microchip Technology FV16KM202 Datasheet HTML 14Page - Microchip Technology FV16KM202 Datasheet HTML 15Page - Microchip Technology FV16KM202 Datasheet HTML 16Page - Microchip Technology FV16KM202 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 336 page
background image
 2013 Microchip Technology Inc.
Advance Information
DS33030A-page 13
PIC24FV16KM204 FAMILY
1.0
DEVICE OVERVIEW
This document contains device-specific information for
the following devices:
The PIC24FV16KM204 family introduces many new
analog features to the extreme low-power Microchip
devices. This is a 16-bit microcontroller family with a
broad peripheral feature set and enhanced computa-
tional performance. This family also offers a new
migration option for those high-performance applica-
tions which may be outgrowing their 8-bit platforms, but
do not require the numerical processing power of a
Digital Signal Processor (DSC).
1.1
Core Features
1.1.1
16-BIT ARCHITECTURE
Central to all PIC24F devices is the 16-bit modified
Harvard architecture, first introduced with Microchip’s
dsPIC® Digital Signal Controllers. The PIC24F CPU
core offers a wide range of enhancements, such as:
• 16-bit data and 24-bit address paths with the
ability to move information between data and
memory spaces
• Linear addressing of up to 16 Mbytes (program
space) and 16 Kbytes (data)
• A 16-element working register array with built-in
software stack support
• A 17 x 17 hardware multiplier with support for
integer math
• Hardware support for 32-bit by 16-bit division
• An instruction set that supports multiple address-
ing modes and is optimized for high-level
languages, such as C
• Operational performance up to 16 MIPS
1.1.2
POWER-SAVING TECHNOLOGY
All of the devices in the PIC24FV16KM204 family incor-
porate a range of features that can significantly reduce
power consumption during operation. Key features
include:
• On-the-Fly Clock Switching, to allow the device
clock to be changed under software control to the
Timer1 source or the internal, low-power RC
oscillator during operation, allowing users to
incorporate power-saving ideas into their software
designs.
• Doze Mode Operation, when timing-sensitive
applications, such as serial communications,
require the uninterrupted operation of peripherals,
the CPU clock speed can be selectively reduced,
allowing incremental power savings without
missing a beat.
• Instruction-Based Power-Saving Modes, to allow
the microcontroller to suspend all operations or
selectively shut down its core while leaving its
peripherals active with a single instruction in
software.
1.1.3
OSCILLATOR OPTIONS AND
FEATURES
The PIC24FV16KM204 family offers five different oscil-
lator options, allowing users a range of choices in
developing application hardware. These include:
• Two Crystal modes using crystals or ceramic
resonators.
• Two External Clock modes offering the option of a
divide-by-2 clock output.
• Two Fast Internal oscillators (FRCs), one with a
nominal 8 MHz output and the other with a
nominal 500 kHz output. These outputs can also
be divided under software control to provide clock
speed as low as 31 kHz or 2 kHz.
• A Phase Locked Loop (PLL) frequency multiplier,
available to the external oscillator modes and the
8 MHz FRC oscillator, which allows clock speeds
of up to 32 MHz.
• A separate internal RC oscillator (LPRC) with a
fixed 31 kHz output, which provides a low-power
option for timing-insensitive applications.
The internal oscillator block also provides a stable ref-
erence source for the Fail-Safe Clock Monitor (FSCM).
This option constantly monitors the main clock source
against a reference signal provided by the internal
oscillator and enables the controller to switch to the
internal oscillator, allowing for continued low-speed
operation or a safe application shutdown.
• PIC24FV08KM101
• PIC24F08KM101
• PIC24FV08KM102
• PIC24F08KM102
• PIC24FV16KM102
• PIC24F16KM102
• PIC24FV16KM104
• PIC24F16KM104
• PIC24FV08KM202
• PIC24F08KM202
• PIC24FV08KM204
• PIC24F08KM204
• PIC24FV16KM202
• PIC24F16KM202
• PIC24FV16KM204
• PIC24F16KM204



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com