Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC32MX330 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC32MX330
Description  32-bit Microcontrollers (up to 512 KB Flash and 128 KB SRAM) with Audio/Graphics/Touch (HMI), USB, and Advanced Analog
PDF  344 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC32MX330 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC32MX330 Datasheet HTML 9Page - Microchip Technology PIC32MX330 Datasheet HTML 10Page - Microchip Technology PIC32MX330 Datasheet HTML 11Page - Microchip Technology PIC32MX330 Datasheet HTML 12Page - Microchip Technology PIC32MX330 Datasheet HTML 13Page - Microchip Technology PIC32MX330 Datasheet HTML 14Page - Microchip Technology PIC32MX330 Datasheet HTML 15Page - Microchip Technology PIC32MX330 Datasheet HTML 16Page - Microchip Technology PIC32MX330 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 344 page
background image
 2012-2013 Microchip Technology Inc.
Preliminary
DS60001185B-page 13
PIC32MX330/350/370/430/450/470
TABLE 3:
PIN NAMES: PIC32MX4XXL DEVICES(1,2)
Package
Bump #
Full Pin Name
Package
Bump #
Full Pin Name
A1
No Connect
A52
AN24/RPD1/RD1
A2
RG15
A53
AN26/RPD3/RD3
A3
VSS
A54
PMD13/RD13
A4
AN23/PMD6/RE6
A55
RPD5/PMRD/RD5
A5
RPC1/RC1
A56
PMD15/RD7
A6
RPC3/RC3
A57
No Connect
A7
AN16/C1IND/RPG6/SCK2/PMA5/RG6
A58
No Connect
A8
AN18/C2IND/RPG8/PMA3/RG8
A59
No Connect
A9
AN19/C2INC/RPG9/PMA2/RG9
A60
RPF1/PMD10/RF1
A10
VDD
A61
RPG0/PMD8/RG0
A11
RPE8/RE8
A62
TRD3/CTED8/RA7
A12
AN5/C1INA/RPB5/VBUSON/RB5
A63
VSS
A13
PGED3/AN3/C2INA/RPB3/RB3
A64
PMD1/RE1
A14
VDD
A65
TRD1/RG12
A15
PGEC1/AN1/RPB1/CTED12/RB1
A66
AN20/PMD2/RE2
A16
No Connect
A67
AN21/PMD4/RE4
A17
No Connect
A68
No Connect
A18
No Connect
B1
VDD
A19
No Connect
B2
AN22/RPE5/PMD5/RE5
A20
PGEC2/AN6/RPB6/RB6
B3
AN27/PMD7/RE7
A21
VREF-/CVREF-/PMA7/RA9
B4
RPC2/RC2
A22
AVDD
B5
RPC4/CTED7/RC4
A23
AN8/RPB8/CTED10/RB8
B6
AN17/C1INC/RPG7/PMA4/RG7
A24
CVREFOUT/AN10/RPB10/CTED11/PMA13/RB10
B7
MCLR
A25
VSS
B8
VSS
A26
TCK/CTED2/RA1
B9
TMS/CTED1/RA0
A27
RPF12/RF12
B10
RPE9/RE9
A28
AN13/PMA10/RB13
B11
AN4/C1INB/RB4
A29
AN15/RPB15/OCFB/CTED6/PMA0/RB15
B12
VSS
A30
VDD
B13
PGEC3/AN2/C2INB/RPB2/CTED13/RB2
A31
RPD15/RD15
B14
PGED1/AN0/RPB0/RB0
A32
RPF5/PMA8/RF5
B15
No Connect
A33
No Connect
B16
PGED2/AN7/RPB7/CTED3/RB7
A34
No Connect
B17
VREF+/CVREF+/PMA6/RA10
A35
USBID/RF3
B18
AVSS
A36
RPF2/RF2
B19
AN9/RPB9/CTED4/RB9
A37
VBUS
B20
AN11/PMA12/RB11
A38
D-
B21
VDD
A39
SCL2/RA2
B22
RPF13/RF13
A40
TDI/CTED9/RA4
B23
AN12/PMA11/RB12
A41
VDD
B24
AN14/RPB14/CTED5/PMA1/RB14
A42
OSC2/CLKO/RC15
B25
VSS
A43
VSS
B26
RPD14/RD14
A44
SDA1/RPA15/RA15
B27
RPF4/PMA9/RF4
A45
RPD9/RD9
B28
No Connect
A46
RPD11/PMCS1/RD11
B29
RPF8/RF8
A47
SOSCI/RPC13/RC13
B30
VUSB3V3
A48
VDD
B31
D+
A49
No Connect
B32
SDA2/RA3
A50
No Connect
B33
TDO/RA5
A51
No Connect
B34
OSC1/CLKI/RC12
Note
1:
The RPn pins can be used by remappable peripherals. See Table 1 for the available peripherals and Section 12.3 “Peripheral Pin
Select”
for restrictions.
2:
Every I/O port pin (RAx-RGx), with the exception of RF6, can be used as a change notification pin (CNAx-CNGx). See Section 12.0 “I/O
Ports”
for more information.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com