Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RFPIC12F675 Datasheet(PDF) 13 Page - Microchip Technology

Part # RFPIC12F675
Description  FLASH-Based Microcontroller with ASK/FSK Transmitter
PDF  136 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RFPIC12F675 Datasheet(HTML) 13 Page - Microchip Technology

Back Button RFPIC12F675 Datasheet HTML 9Page - Microchip Technology RFPIC12F675 Datasheet HTML 10Page - Microchip Technology RFPIC12F675 Datasheet HTML 11Page - Microchip Technology RFPIC12F675 Datasheet HTML 12Page - Microchip Technology RFPIC12F675 Datasheet HTML 13Page - Microchip Technology RFPIC12F675 Datasheet HTML 14Page - Microchip Technology RFPIC12F675 Datasheet HTML 15Page - Microchip Technology RFPIC12F675 Datasheet HTML 16Page - Microchip Technology RFPIC12F675 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 136 page
background image
 2003-2013 Microchip Technology Inc.
Preliminary
DS70091B-page 13
rfPIC12F675
2.2.2.5
PIR1 Register
The PIR1 register contains the interrupt flag bits, as
shown in Register 2-5.
REGISTER 2-5:
PIR1 — PERIPHERAL INTERRUPT REGISTER 1 (ADDRESS: 0Ch)
Note:
Interrupt flag bits are set when an interrupt
condition occurs, regardless of the state of
its corresponding enable bit or the global
enable
bit,
GIE
(INTCON<7>).
User
software should ensure the appropriate
interrupt flag bits are clear prior to enabling
an interrupt.
R/W-0
R/W-0
U-0
U-0
R/W-0
U-0
U-0
R/W-0
EEIF
ADIF
—
—
CMIF
—
—
TMR1IF
bit 7
bit 0
bit 7
EEIF: EEPROM Write Operation Interrupt Flag bit
1
= The write operation completed (must be cleared in software)
0
= The write operation has not completed or has not been started
bit 6
ADIF: A/D Converter Interrupt Flag bit
1
= The A/D conversion is complete (must be cleared in software)
0
= The A/D conversion is not complete
bit 5-4
Unimplemented: Read as ‘0’
bit 3
CMIF: Comparator Interrupt Flag bit
1
= Comparator input has changed (must be cleared in software)
0
= Comparator input has not changed
bit 2-1
Unimplemented: Read as ‘0’
bit 0
TMR1IF: TMR1 Overflow Interrupt Flag bit
1
= TMR1 register overflowed (must be cleared in software)
0
= TMR1 register did not overflow
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com