Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST25WF020A Datasheet(PDF) 21 Page - Microchip Technology

Part # SST25WF020A
Description  2 Mbit 1.8V SPI Serial Flash
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST25WF020A Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST25WF020A Datasheet HTML 17Page - Microchip Technology SST25WF020A Datasheet HTML 18Page - Microchip Technology SST25WF020A Datasheet HTML 19Page - Microchip Technology SST25WF020A Datasheet HTML 20Page - Microchip Technology SST25WF020A Datasheet HTML 21Page - Microchip Technology SST25WF020A Datasheet HTML 22Page - Microchip Technology SST25WF020A Datasheet HTML 23Page - Microchip Technology SST25WF020A Datasheet HTML 24Page - Microchip Technology SST25WF020A Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
 2013 Microchip Technology Inc.
Preliminary
DS21392A-page 21
SST25WF020A
6.6
AC Characteristics
TABLE 6-8:
AC OPERATING CHARACTERISTICS
Symbol
Parameter
Limits - 25 MHz
Limits - 40 MHz
Units
Min
Typ
Max
Min
Typ
Max
FCLK
1
1. Maximum clock frequency for Read instruction, 03H, is 25 MHz
Serial Clock Frequency
25
40
MHz
TSCKH
Serial Clock High Time
14
11.5
ns
TSCKL
Serial Clock Low Time
14
11.5
ns
TSCKR
Serial Clock Rise Time
5
5
ns
TSCKF
Serial Clock Fall Time
5
5
ns
TCES
2
2. Relative to SCK
CE# Active Setup Time
10
10
ns
TCEH
2
CE# Active Hold Time
10
10
ns
TCHS
2
CE# Not Active Setup Time
10
10
ns
TCHH
2
CE# Not Active Hold Time
10
10
ns
TCPH
CE# High Time
25
25
ns
TCHZ
CE# High to High-Z Output
15
15
ns
TCLZ
SCK Low to Low-Z Output
0
0
ns
TDS
Data In Setup Time
5
5
ns
TDH
Data In Hold Time
5
5
ns
THLS
HOLD# Low Setup Time
5
5
ns
THHS
HOLD# High Setup Time
5
5
ns
THLH
HOLD# Low Hold Time
5
5
ns
THHH
HOLD# High Hold Time
5
5
ns
THZ
HOLD# Low to High-Z Output
9
9
ns
TLZ
HOLD# High to Low-Z Output
12
12
ns
TOH
Output Hold from SCK Change
1
1
ns
TV
Output Valid from SCK
8
11
8
11
ns
TWPS
WP# Setup Time
20
20
ns
TWPH
WP# Hold Time
20
20
ns
TWRSR
Status Register Write Time
10
10
ms
TDPD
CE# High to Deep Power-Down
5
5
µs
TSBR
Deep Power-Down (CE# High) to
Standby Mode
5
5
µs
TSE
Sector-Erase
40
150
40
150
ms
TBE
Block-Erase
80
250
80
250
ms
TCE
Chip-Erase
0.3
3
0.3
3
s
TPP
Page-Program (256 Byte)
3.0
3.5
3.0
3.5
ms
n Byte
n byte
0.15 +
n*2.85/
256
0.20 +
n*3.30/
256
n byte
0.15 +
n*2.85/
256
0.20 +
n*3.30/
256
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com