Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST39SF010A Datasheet(PDF) 2 Page - Microchip Technology

Part # SST39SF010A
Description  1 Mbit / 2 Mbit / 4 Mbit (x8) Multi-Purpose Flash
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST39SF010A Datasheet(HTML) 2 Page - Microchip Technology

  SST39SF010A Datasheet HTML 1Page - Microchip Technology SST39SF010A Datasheet HTML 2Page - Microchip Technology SST39SF010A Datasheet HTML 3Page - Microchip Technology SST39SF010A Datasheet HTML 4Page - Microchip Technology SST39SF010A Datasheet HTML 5Page - Microchip Technology SST39SF010A Datasheet HTML 6Page - Microchip Technology SST39SF010A Datasheet HTML 7Page - Microchip Technology SST39SF010A Datasheet HTML 8Page - Microchip Technology SST39SF010A Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 28 page
background image
©2013 Silicon Storage Technology, Inc.
DS25022B
04/13
2
1 Mbit / 2 Mbit / 4 Mbit Multi-Purpose Flash
SST39SF010A / SST39SF020A / SST39SF040
Data Sheet
Product Description
The SST39SF010A/020A/040 are CMOS Multi-Purpose Flash (MPF) manufactured with SST’s propri-
etary, high performance CMOS SuperFlash technology. The split-gate cell design and thick oxide tun-
neling injector attain better reliability and manufacturability compared with alternate approaches. The
SST39SF010A/020A/040 devices write (Program or Erase) with a 4.5-5.5V power supply. The
SST39SF010A/020A/040 devices conform to JEDEC standard pinouts for x8 memories.
Featuring high performance Byte-Program, the SST39SF010A/020A/040 devices provide a maximum
Byte-Program time of 20 µsec. These devices use Toggle Bit or Data# Polling to indicate the comple-
tion of Program operation. To protect against inadvertent write, they have on-chip hardware and Soft-
ware Data Protection schemes. Designed, manufactured, and tested for a wide spectrum of
applications, these devices are offered with a guaranteed typical endurance of 100,000 cycles. Data
retention is rated at greater than 100 years.
The SST39SF010A/020A/040 devices are suited for applications that require convenient and econom-
ical updating of program, configuration, or data memory. For all system applications, they significantly
improve performance and reliability, while lowering power consumption. They inherently use less
energy during erase and program than alternative flash technologies. The total energy consumed is a
function of the applied voltage, current, and time of application. Since for any given voltage range, the
SuperFlash technology uses less current to program and has a shorter erase time, the total energy
consumed during any Erase or Program operation is less than alternative flash technologies. These
devices also improve flexibility while lowering the cost for program, data, and configuration storage
applications.
The SuperFlash technology provides fixed Erase and Program times, independent of the number of
Erase/Program cycles that have occurred. Therefore the system software or hardware does not have
to be modified or de-rated as is necessary with alternative flash technologies, whose Erase and Pro-
gram times increase with accumulated Erase/Program cycles.
To meet high density, surface mount requirements, the SST39SF010A/020A/040 are offered in 32-lead
PLCC and 32-lead TSOP packages. A 600 mil, 32-pin PDIP is also available. See Figures 2, 3, and 4
for pin assignments.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com