Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC1017 Datasheet(PDF) 23 Page - Microchip Technology

Part # TC1017
Description  150 mA, Tiny CMOS LDO With Shutdown
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC1017 Datasheet(HTML) 23 Page - Microchip Technology

Back Button TC1017_13 Datasheet HTML 18Page - Microchip Technology TC1017_13 Datasheet HTML 19Page - Microchip Technology TC1017_13 Datasheet HTML 20Page - Microchip Technology TC1017_13 Datasheet HTML 21Page - Microchip Technology TC1017_13 Datasheet HTML 22Page - Microchip Technology TC1017_13 Datasheet HTML 23Page - Microchip Technology TC1017_13 Datasheet HTML 24Page - Microchip Technology TC1017_13 Datasheet HTML 25Page - Microchip Technology TC1017_13 Datasheet HTML 26Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
 2005-2013 Microchip Technology Inc.
DS21813F-page 23
TC1017
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
Device:
TC1017: 150 mA Tiny CMOS LDO with Shutdown
TC1017R:150 mA Tiny CMOS LDO with Shutdown
(SC-70 only)
Voltage Options:*
(Standard)
1.8V
1.85V
2.5V
SC-70 only
2.6V
2.7V
2.8V
2.85V
2.9V
3.0V
3.2V
SC-70 only
3.3V
4.0V
* Other voltage options available. Please contact
your local Microchip sales office for details.
Temperature
Range:
V
= -40°C to +125°C
Package:
LTTR = 5-pin SC-70 (Tape and Reel)
CTTR = 5-pin SOT-23 (Tape and Reel)
PART NO.
X.XX
X
Temperature
Voltage
Options
Device
Range
Examples:
a)
TC1017-1.8VLTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
b)
TC1017R-1.8VLTTR:150mA, Tiny CMOS
LDO with Shutdown,
SC-70R package.
c)
TC1017-2.6VCTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package.
d)
TC1017-2.7VLTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
e)
TC1017-2.8VCTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package.
f)
TC1017-2.85VLTTR:150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
g)
TC1017-2.9VCTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package.
h)
TC1017-3.0VLTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
i)
TC1017-3.3VCTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SOT-23 package.
j)
TC1017-4.0VLTTR: 150 mA, Tiny CMOS
LDO with Shutdown,
SC-70 package.
XXXX
Package



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com