Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4422A Datasheet(PDF) 12 Page - Microchip Technology

Part # TC4422A
Description  9A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422A Datasheet(HTML) 12 Page - Microchip Technology

Back Button TC4422A Datasheet HTML 8Page - Microchip Technology TC4422A Datasheet HTML 9Page - Microchip Technology TC4422A Datasheet HTML 10Page - Microchip Technology TC4422A Datasheet HTML 11Page - Microchip Technology TC4422A Datasheet HTML 12Page - Microchip Technology TC4422A Datasheet HTML 13Page - Microchip Technology TC4422A Datasheet HTML 14Page - Microchip Technology TC4422A Datasheet HTML 15Page - Microchip Technology TC4422A Datasheet HTML 16Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
TC4421A/TC4422A
DS21946B-page 12
 2005-2013 Microchip Technology Inc.
5-Lead Plastic Transistor Outline (AT) (TO-220)
L
H1
Q
E
b
e1
e
C1
J1
F
A
D
a (5X)
ØP
EJECTOR PIN
e3
Drawing No. C04-036
Notes:
Dimensions D and E1 do not include mold flash or protrusions. Mold flash or
protrusions shall not exceed .010" (0.254mm) per side.
JEDEC equivalent: TO-220
*Controlling Parameter
Mold Draft Angle
Lead Width
Lead Thickness
a
C1
b
.014
Dimension Limits
Overall Height
Lead Length
Overall Width
Lead Pitch
A
L
E
.540
MIN
e
Units
.060
INCHES*
.022
0.36
0.56
MILLIMETERS
.190
.560
13.72
MIN
MAX
4.83
14.22
MAX
.160
4.06
3°
7°
3°
7°
Overall Length
D
1.02
0.64
.040
.025
Overall Lead Centers
e1
.263
.385
.560
.273
6.68
6.93
.072
1.52
1.83
.415
9.78
10.54
.590
14.22
14.99
Through Hole Diameter
P
.146
.156
3.71
3.96
J1
Base to Bottom of Lead
.090
2.29
.115
2.92
Through Hole Center
Q
.103
2.87
.113
2.62
Flag Thickness
F
.045
1.40
.055
1.14
Flag Length
H1
.234
6.55
.258
5.94
Space Between Leads
e3
.030
1.02
.040
0.76
Note:
For the most current package drawings, please see the Microchip Packaging Specification located
at http://www.microchip.com/packaging



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com