Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4422AVPA Datasheet(PDF) 5 Page - Microchip Technology

Part # TC4422AVPA
Description  9A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422AVPA Datasheet(HTML) 5 Page - Microchip Technology

  TC4422AVPA Datasheet HTML 1Page - Microchip Technology TC4422AVPA Datasheet HTML 2Page - Microchip Technology TC4422AVPA Datasheet HTML 3Page - Microchip Technology TC4422AVPA Datasheet HTML 4Page - Microchip Technology TC4422AVPA Datasheet HTML 5Page - Microchip Technology TC4422AVPA Datasheet HTML 6Page - Microchip Technology TC4422AVPA Datasheet HTML 7Page - Microchip Technology TC4422AVPA Datasheet HTML 8Page - Microchip Technology TC4422AVPA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2005-2013 Microchip Technology Inc.
DS21946B-page 5
TC4421A/TC4422A
2.0
TYPICAL PERFORMANCE CURVES
Note: Unless otherwise indicated, TA = +25°C with 4.5V  VDD  18V.
FIGURE 2-1:
Rise Time vs. Supply
Voltage.
FIGURE 2-2:
Rise Time vs. Capacitive
Load.
FIGURE 2-3:
Fall Time vs. Supply
Voltage.
FIGURE 2-4:
Fall Time vs. Capacitive
Load.
FIGURE 2-5:
Rise and Fall Times vs.
Temperature.
FIGURE 2-6:
Crossover Energy vs Supply
Voltage.
Note:
The graphs and tables provided following this note are a statistical summary based on a limited number of
samples and are provided for informational purposes only. The performance characteristics listed herein
are not tested or guaranteed. In some graphs or tables, the data presented may be outside the specified
operating range (e.g., outside specified power supply range) and therefore outside the warranted range.
0
20
40
60
80
100
120
140
160
180
4
6
8
10
121416
18
Supply Voltage (V)
22,000 pF
10,000 pF
1,000 pF
100 pF
0
50
100
150
200
250
300
100
1000
10000
100000
Capacitive Load (pF)
5V
10V
15V
0
20
40
60
80
100
120
140
160
180
4
6
8
10
12
14
16
18
Supply Voltage (V)
22,000 pF
10,000 pF
1,000 pF
100 pF
0
50
100
150
200
250
300
100
1000
10000
100000
Capacitive Load (pF)
5V
15V
10V
20
25
30
35
40
45
50
55
-40 -25 -10
5
20
35
50
65
80
95 110 125
Temperature (°C)
tRISE
tFALL
VDD = 15V
1E-9
1E-8
1E-7
4
6
8
10
12
14
16
18
Supply Voltage (V)
10
-7
10
-8
10
-9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com