Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC4422AVOA Datasheet(PDF) 4 Page - Microchip Technology

Part # TC4422AVOA
Description  9A High-Speed MOSFET Drivers
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC4422AVOA Datasheet(HTML) 4 Page - Microchip Technology

  TC4422AVOA Datasheet HTML 1Page - Microchip Technology TC4422AVOA Datasheet HTML 2Page - Microchip Technology TC4422AVOA Datasheet HTML 3Page - Microchip Technology TC4422AVOA Datasheet HTML 4Page - Microchip Technology TC4422AVOA Datasheet HTML 5Page - Microchip Technology TC4422AVOA Datasheet HTML 6Page - Microchip Technology TC4422AVOA Datasheet HTML 7Page - Microchip Technology TC4422AVOA Datasheet HTML 8Page - Microchip Technology TC4422AVOA Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TC4421A/TC4422A
DS21946B-page 4
 2005-2013 Microchip Technology Inc.
DC CHARACTERISTICS (OVER OPERATING TEMPERATURE RANGE)
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise noted, over operating temperature range with 4.5V
 V
DD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input
Logic ‘1’, High Input Voltage
VIH
2.4
—
—
V
Logic ‘0’, Low Input Voltage
VIL
——
0.8
V
Input Current
IIN
–10
—
+10
µA
0V
V
INVDD
Output
High Output Voltage
VOH
VDD – 0.025
—
—
V
DC Test
Low Output Voltage
VOL
——
0.025
V
DC Test
Output Resistance, High
ROH
——
2.0
IOUT = 10 mA, VDD = 18V
Output Resistance, Low
ROL
——
1.6
IOUT = 10 mA, VDD = 18V
Switching Time (Note 1)
Rise Time
tR
—38
45
ns
Figure 4-1, CL = 10,000 pF
Fall Time
tF
—33
40
ns
Figure 4-1, CL = 10,000 pF
Propagation Delay Time
tD1
—50.4
60
ns
Figure 4-1, CL = 10,000 pF
Propagation Delay Time
tD2
—53
60
ns
Figure 4-1, CL = 10,000 pF
Power Supply
Power Supply Current
IS
—
200
500
µA
VIN = 3V
—
50
150
µA
VIN = 0V
Operating Input Voltage
VDD
4.5
—
18
V
Note 1:
Switching times ensured by design.
Electrical Specifications: Unless otherwise noted, all parameters apply with 4.5V
 V
DD  18V.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (V)
TA
–40
—
+125
°C
Maximum Junction Temperature
TJ
—
—
+150
°C
Storage Temperature Range
TA
–65
—
+150
°C
Package Thermal Resistances
Thermal Resistance, 5L-TO-220
JA
—
71
—
°C/W
Without heat sink
Thermal Resistance, 8L-6x5 DFN
JA
—
33.2
—
°C/W
Typical 4-layer board with
vias to ground plane
Thermal Resistance, 8L-PDIP
JA
—125
—
°C/W
Thermal Resistance, 8L-SOIC
JA
—155
—
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com