Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126 Datasheet(PDF) 7 Page - Microchip Technology

Part # TC7126
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126 Datasheet(HTML) 7 Page - Microchip Technology

Back Button TC7126_13 Datasheet HTML 3Page - Microchip Technology TC7126_13 Datasheet HTML 4Page - Microchip Technology TC7126_13 Datasheet HTML 5Page - Microchip Technology TC7126_13 Datasheet HTML 6Page - Microchip Technology TC7126_13 Datasheet HTML 7Page - Microchip Technology TC7126_13 Datasheet HTML 8Page - Microchip Technology TC7126_13 Datasheet HTML 9Page - Microchip Technology TC7126_13 Datasheet HTML 10Page - Microchip Technology TC7126_13 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 28 page
background image
 2002-2012 Microchip Technology Inc.
DS21458D-page 7
TC7126/A
2.0
PIN DESCRIPTIONS
The descriptions of the pins are listed in Table 2-1.
TABLE 2-1:
PIN FUNCTION TABLE
Pin Number
(40-Pin PDIP)
Normal
(Reversed)
Symbol
Description
1
(40)
V+
Positive supply voltage.
2
(39)
D1
Activates the D section of the units display.
3
(38)
C1
Activates the C section of the units display.
4
(37)
B1
Activates the B section of the units display.
5
(36)
A1
Activates the A section of the units display.
6
(35)
F1
Activates the F section of the units display.
7
(34)
G1
Activates the G section of the units display.
8
(33)
E1
Activates the E section of the units display.
9
(32)
D2
Activates the D section of the tens display.
10
(31)
C2
Activates the C section of the tens display.
11
(30)
B2
Activates the B section of the tens display.
12
(29)
A2
Activates the A section of the tens display.
13
(28)
F2
Activates the F section of the tens display.
14
(27)
E2
Activates the E section of the tens display.
15
(26)
D3
Activates the D section of the hundreds display.
16
(25)
B3
Activates the B section of the hundreds display.
17
(24)
F3
Activates the F section of the hundreds display.
18
(23)
E3
Activates the E section of the hundreds display.
19
(22)
AB4
Activates both halves of the 1 in the thousands display.
20
(21)
POL
Activates the negative polarity display.
21
(20)
BP
LCD Backplane drive output (TC7106A). Digital Ground (TC7107A).
22
(19)
G3
Activates the G section of the hundreds display.
23
(18)
A3
Activates the A section of the hundreds display.
24
(17)
C3
Activates the C section of the hundreds display.
25
(16)
G2
Activates the G section of the tens display.
26
(15)
V-
Negative power supply voltage.
27
(14)
VINT
The integrating capacitor should be selected to give the maximum voltage swing that
ensures component tolerance buildup will not allow the integrator output to saturate.
When analog common is used as a reference and the conversion rate is 3 readings
per second, a 0.047
F capacitor may be used. The capacitor must have a low
dielectric constant to prevent rollover errors. See Section 6.3 “Integrating Capaci-
tor (CINT)”, Integrating Capacitor for additional details.
28
(13)
VBUFF
Integration resistor connection. Use a 180k
 resistor for a 200mV full-scale range
and a 1.8M
 resistor for a 2V full scale range.
29
(12)
CAZ
The size of the auto-zero capacitor influences system noise. Use a 0.33
F capacitor
for 200mV full scale, and a 0.033
F capacitor for 2V full scale. See Section 6.1
“Auto-Zero Capacitor (CAZ)”, Auto-Zero Capacitor for additional details.
30
(11)
VIN-
The analog LOW input is connected to this pin.
31
(10)
VIN+
The analog HIGH input signal is connected to this pin.
32
(9)
ANALOG
COMMON
This pin is primarily used to set the Analog Common mode voltage for battery opera-
tion, or in systems where the input signal is referenced to the power supply. It also
acts as a reference voltage source. See Section 7.3 “Analog Common (Pin 32)”,
Analog Common for additional details.
33
(8)
CREF-
See Pin 34.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com