Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TC7126A Datasheet(PDF) 13 Page - Microchip Technology

Part # TC7126A
Description  3-1/2 Digit Analog-to-Digital Converters
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

TC7126A Datasheet(HTML) 13 Page - Microchip Technology

Back Button TC7126A Datasheet HTML 9Page - Microchip Technology TC7126A Datasheet HTML 10Page - Microchip Technology TC7126A Datasheet HTML 11Page - Microchip Technology TC7126A Datasheet HTML 12Page - Microchip Technology TC7126A Datasheet HTML 13Page - Microchip Technology TC7126A Datasheet HTML 14Page - Microchip Technology TC7126A Datasheet HTML 15Page - Microchip Technology TC7126A Datasheet HTML 16Page - Microchip Technology TC7126A Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
 2002-2012 Microchip Technology Inc.
DS21458D-page 13
TC7126/A
6.6
Reference Voltage Selection
A full scale reading (2000 counts) requires the input
signal be twice the reference voltage.
Note:
VFS = 2VREF.
In some applications, a scale factor other than unity
may exist between a transducer output voltage and the
required digital reading. Assume, for example, a
pressure transducer output for 2000lb/in2 is 400mV.
Rather than dividing the input voltage by two, the
reference voltage should be set to 200mV. This permits
the transducer input to be used directly.
The differential reference can also be used where a
digital zero reading is required when VIN is not equal to
zero. This is common in temperature measuring instru-
mentation. A compensating offset voltage can be
applied between analog common and VIN-. The trans-
ducer output is connected between VIN+ and analog
common.
Required Full Scale Voltage*
VREF
20mV
100mV
2V
1V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com