Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2JS200 Datasheet(PDF) 1 Page - Bel Fuse Inc.

Part # 2JS200
Description  DEFINING A DEGREE OF EXCELLENCE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BEL [Bel Fuse Inc.]
Direct Link  http://www.belfuse.com
Logo BEL - Bel Fuse Inc.

2JS200 Datasheet(HTML) 1 Page - Bel Fuse Inc.

  2JS200 Datasheet HTML 1Page - Bel Fuse Inc. 2JS200 Datasheet HTML 2Page - Bel Fuse Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bel Fuse Inc. 206 Van Vorst Street, Jersey City, NJ 07302 • Tel: 201-432-0463 • Fax: 201-432-9542 • E-Mail: belfuse@belfuse.com
Website: www.belfuse.com
ORDERING INFORMATION SEE PAGES 67 & 68
g
o
l
a
t
a
C
r
e
b
m
u
N
e
r
e
p
m
A
g
n
it
a
R
l
a
ci
p
y
T
d
l
o
C
e
c
n
a
t
s
i
s
e
R
)
m
h
o
(
p
o
r
d
-
tl
o
V
%
0
0
1
@
n
I
.
x
a
m
)
tl
o
V
(
I
g
n
it
l
e
M
2T
c
e
S
m
0
1
<
A
( 2
)
c
e
S
I
g
n
it
l
e
M
2T
0
1
@
n
I
A
( 2
)
c
e
S
m
u
m
i
x
a
M
r
e
w
o
P
n
o
it
a
p
i
s
s
i
D
)
W
(
0
0
1
S
JA
m
0
0
10
0
.
1
15
5
.
18
6
0
.
08
8
0
.
02
2
.
0
5
2
1
S
JA
m
5
2
12
6
.
75
3
.
17
0
1
.
08
3
1
.
05
4
2
.
0
0
5
1
S
JA
m
0
5
18
2
.
57
1
.
17
6
1
.
06
1
2
.
03
7
2
.
0
S
J0
0
2A
m
0
0
26
6
.
32
0
.
16
2
.
04
3
.
03
0
3
.
0
0
5
2
S
JA
m
0
5
24
5
.
29
8
.
01
4
.
03
5
.
08
3
3
.
0
0
0
3
S
JA
m
0
0
36
7
.
17
7
.
04
6
.
03
8
.
06
7
3
.
0
0
5
3
S
J3 0
5A
m6
4
.
12
7
.
00
8
.
03
0
.
10
4
.
0
0
0
4
S
JA
m
0
0
42
2
.
17
6
.
09
9
.
09
2
.
12
4
.
0
0
0
5
S
JA
m
0
0
54
8
.
09
5
.
05
5
.
13
0
.
27
4
.
0
0
5
7
S
JA
m
0
5
77
8
4
.
08
4
.
04
0
.
37
9
.
35
5
.
0
1
S
JA
11
8
2
.
07
8
3
.
03
9
.
56
7
.
74
6
.
0
5
2
.
1
S
JA
5
2
.
15
9
1
.
07
3
3
.
03
.
92
.
2
11
7
.
0
5
.
1
S
JA
5
.
15
3
1
.
03
9
2
.
05
.
4
10
.
9
10
8
.
0
2
S
JA
24
9
0
.
05
5
2
.
06
.
2
28
.
9
29
8
.
0
5
.
2
S
JA
5
.
25
6
0
.
02
2
2
.
03
.
5
36
.
6
49
9
.
0
3
S
JA
35
4
0
.
04
9
1
.
02
.
5
59
.
2
70
1
.
1
5
.
3
S
JA
5
.
37
3
0
.
01
8
1
.
09
61
96
1
.
1
4
S
JA
41
3
0
.
08
6
1
.
06
84
1
12
2
.
1
5
S
JA
52
2
0
.
07
4
1
.
05
3
19
7
14
.
1
6
S
JA
65
1
0
.
08
2
1
.
01
1
29
7
25
.
1
7
S
JA
72
1
0
.
09
1
1
.
03
6
20
5
36
.
1
s
l
a
v
o
r
p
p
A
y
c
n
e
g
A
y
t
e
f
a
Se
p
y
T.
R
.
I
@
t
l
o
V
/
e
g
n
a
r
p
m
Ay
t
il
i
b
a
4
2
6
0
2
E
.
o
N
e
li
F
d
e
z
i
n
g
o
c
e
RS
J
3
/
S
J
2
A
0
0
1
@
C
A
V
0
5
3
/
A
7
-
A
m
0
0
1
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
7
-
A
m
0
0
1
A
0
5
1
@
C
D
V
0
4
1
/
A
7
-
A
m
0
0
1
2
7
7
9
3
R
L
.
o
N
e
li
F
e
c
n
a
t
p
e
c
c
A
S
J
3
/
S
J
2
A
0
0
1
@
C
A
V
0
5
3
/
A
7
-
A
m
0
0
1
A
0
0
0
,
0
1
@
C
A
V
5
2
1
/
A
7
-
A
m
0
0
1
,
1
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
F
3
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
S
J
3
/
S
J
2
A
0
0
5
@
C
A
V
5
2
1
/
A
5
-
A
1
2
0
0
1
-
3
0
0
1
3
-
7
3
0
1
T
E
J
.
o
N
e
li
FS
J
2A
0
0
3
@
C
A
V
5
2
1
/
A
5
1
-
A
5
>
Electrical Characteristics (UL/CSA STD. 248-14)
Type 2JS / 3JS
Time-lag Fuse Series
5 x 15mm Glass Tube
JSD0903
Approvals
t
n
e
r
r
u
c
g
n
it
s
e
T
e
m
i
T
w
o
l
B
m
u
m
i
n
i
Mm
u
m
i
x
a
M
%
0
0
14 h .s
rA
/
N
%
5
3
1A
/
Nr
h
1
2%
0
0c
e
s
3c
e
s
0
2
%
0
0
5c
e
s
m
0
0
1c
e
s
5
.
1
%
0
0
0
1c
e
s
m
0
3c
e
s
m
0
0
3
Consult manufacturer for other ratings
Operating Temperature
-55
°C to +125°C
Physical Specification
Materials
Glass body / Nickel Plated Brass Caps
LeadWire:
Tin-lead plated Copper, Diameter 0.032"
Option
With Heat Shrink Tubing (VW-1) over body
Marking
On fuse:
“bel”, “JS”, “Current Rating”, “350V”
“Appropriate Safety Logos”
On label:
Above info plus “
c”; Interrupting Rating & Type
“2JS” or “3JS”
Packaging
1. In bulk:
2JS - 2,000 pcs; 3JS - 500 pcs per box
2. On Axial Tape & Reel: 1,500 pcs per reel
3.Tape & Reel specification:
per EIA-296-E & IEC 286-1
@ 10mm Pitch and 52.4mm inside Tape Spacing
2JS
3JS
*2JS are cartridge fuses
3JS are pigtail fuses
rSpc
r
S
Mechanical Dimensions
0.244"
±0.008"
(6.2
±0.2mm)
WITH INSULATION SLEEVE
0.590"
±0.020"
(1.5
±1.0mm)
0.217"
±0.004"
(5.5
±0.1mm)
1.50"
±0.08"
(38.1
±2.0mm)
0.59"
±0.02"
(15.0
±0.5mm)
0.20"
±0.004"
(5.1
±0.1mm)
0.54"
±0.02"
(13.8
±0.5mm)
0.710"
±0.080"
(18.0
±2.0mm)
31
p


Similar Part No. - 2JS200

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
2JS200-R BEL-2JS200-R Datasheet
478Kb / 2P
Time-lag Fuse Series
More results

Similar Description - 2JS200

ManufacturerPart #DatasheetDescription
logo
Sipex Corporation
SP-2625 SIPEX-SP-2625 Datasheet
168Kb / 6P
SIGNAL PROCESSING EXCELLENCE
logo
Bel Fuse Inc.
3AG16 BEL-3AG16 Datasheet
89Kb / 2P
BEL DEFINING A DEGREE OF EXCELLENCE
3AP1 BEL-3AP1 Datasheet
89Kb / 2P
BEL DEFINING A DEGREE OF EXCELLENCE
logo
ITT Industries
980-2000-352 ITT-980-2000-352 Datasheet
2Mb / 28P
Defining and Champooning Innivation
logo
Hammond Manufacturing L...
AHK2 HAMMOND-AHK2 Datasheet
77Kb / 2P
Quality Products. Service Excellence
logo
PHOENIX CONTACT
TP-5120S PHOENIX-TP-5120S Datasheet
58Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
TP-5150S PHOENIX-TP-5150S Datasheet
57Kb / 3P
IP65 degree of protection (front) IP20 degree of protection (back)
2701338 PHOENIX-2701338 Datasheet
79Kb / 8P
IP65 degree of protection (front) IP20 degree of protection (back)
logo
Hammond Manufacturing L...
1591 HAMMOND-1591 Datasheet
289Kb / 3P
Quality Products. Service Excellence
1598 HAMMOND-1598 Datasheet
211Kb / 2P
Quality Products. Service Excellence
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com