Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DTC646 Datasheet(PDF) 16 Page - Microchip Technology

Part # DTC646
Description  PWM Fan Speed Controller with Auto-Shutdown and FanSense??Technology
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DTC646 Datasheet(HTML) 16 Page - Microchip Technology

Back Button DTC646 Datasheet HTML 12Page - Microchip Technology DTC646 Datasheet HTML 13Page - Microchip Technology DTC646 Datasheet HTML 14Page - Microchip Technology DTC646 Datasheet HTML 15Page - Microchip Technology DTC646 Datasheet HTML 16Page - Microchip Technology DTC646 Datasheet HTML 17Page - Microchip Technology DTC646 Datasheet HTML 18Page - Microchip Technology DTC646 Datasheet HTML 19Page - Microchip Technology DTC646 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 30 page
background image
TC646
DS21446D-page 16
 2002-2012 Microchip Technology Inc.
Design Example
Step 1. Calculate R1 and R2 based on using an NTC
having a resistance of 10 k
 at T
MIN (25°C)
and 4.65 k
 at T
MAX (45°C) (See Figure 5-9).
R1 = 20.5 k
R2 = 3.83 k
Step 2. Set auto-shutdown level VAS = 1.8V.
Limit the divider current to 100 µA from which
R5 = 33 k
R6 = 18 k
Step 3. Design the output circuit.
Maximum fan motor current = 250 mA. Q1
beta is chosen at 50 from which R7 = 800 .
FIGURE 5-9:
Design Example.
5.8
TC646 as a Microcontroller
Peripheral
In a system containing a microcontroller or other host
intelligence, the TC646 can be effectively managed as
a CPU peripheral. Routine fan control functions can be
performed by the TC646 without controller intervention.
The microcontroller receives temperature data from
one or more points throughout the system. It calculates
a fan operating speed based on an algorithm specifi-
cally designed for the application at hand. The proces-
sor controls fan speed using complementary port bits
I/O1 through I/O3. Resistors R1 through R6 (5% toler-
ance) form a crude 3-bit DAC that translates the 3-bit
code from the processor's outputs into a 1.6V DC con-
trol signal. A monolithic DAC or digital pot may be used
instead of the circuit shown in Figure 5-10.
With VAS set at 1.8V, the TC646 enters auto-shutdown
when the controller's output code is 000[B]. Output
codes 001[B] to 111[B] operate the fan from roughly
40% to 100% of full speed. An open-drain output from
the processor (I/O0) can be used to reset the TC646
following detection of a fault condition. The FAULT out-
put can be connected to the controller's interrupt input,
or to another I/O pin, for polled operation.
FAULT
SENSE
NTC
10 k
Ω
@ 25˚C
R1
20.5 k
Ω
R2
3.83 k
Ω
R5
33 k
Ω
R7
800
Ω
R6
GND
Reset
Shutdown
(Optional)
Q1
+12V
+5V
+5V
+5V
VDD
VIN
VAS
VOUT
RSENSE
2.2
Ω
CSENSE
0.1
μF
C1
1
μF
CF
TC646
Fan
Fan/Thermal
Fault
CB
0.01
μF
CB
0.01
μF
CB
1
μF
1
8
4
6
7
5
2
3
18 k
Ω
Open-Drain
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com