Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S21 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP6S21
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S21 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP6S21_13 Datasheet HTML 17Page - Microchip Technology MCP6S21_13 Datasheet HTML 18Page - Microchip Technology MCP6S21_13 Datasheet HTML 19Page - Microchip Technology MCP6S21_13 Datasheet HTML 20Page - Microchip Technology MCP6S21_13 Datasheet HTML 21Page - Microchip Technology MCP6S21_13 Datasheet HTML 22Page - Microchip Technology MCP6S21_13 Datasheet HTML 23Page - Microchip Technology MCP6S21_13 Datasheet HTML 24Page - Microchip Technology MCP6S21_13 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 21
MCP6S21/2/6/8
5.2.3
CHANGING THE CHANNEL
If the instruction register is programmed to address the
channel
register,
the
multiplexed
inputs
of
the
MCP6S22, MCP6S26 and MCP6S28 can be changed
per Register 5-3.
REGISTER 5-3:
CHANNEL REGISTER
U-x
U-x
U-x
U-x
U-x
W-0
W-0
W-0
—
—
—
—
—
C2C1C0
bit 7
bit 0
bit 7-3
Unimplemented: Read as ‘0’ (reserved for future use)
bit 2-0
C2-C0: Channel Select Bits
MCP6S21
000
= CH0 (Default)
001
= CH0
001
= CH0
011
= CH0
100
= CH0
101
= CH0
110
= CH0
111
= CH0
MCP6S22
CH0 (Default)
CH1
CH0
CH1
CH0
CH1
CH0
CH1
MCP6S26
CH0 (Default)
CH1
CH2
CH3
CH4
CH5
CH0
CH0
MCP6S28
CH0 (Default)
CH1
CH2
CH3
CH4
CH5
CH6
CH7
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com