Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP6S28 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP6S28
Description  Single-Ended, Rail-to-Rail I/O, Low Gain PGA
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6S28 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP6S28 Datasheet HTML 9Page - Microchip Technology MCP6S28 Datasheet HTML 10Page - Microchip Technology MCP6S28 Datasheet HTML 11Page - Microchip Technology MCP6S28 Datasheet HTML 12Page - Microchip Technology MCP6S28 Datasheet HTML 13Page - Microchip Technology MCP6S28 Datasheet HTML 14Page - Microchip Technology MCP6S28 Datasheet HTML 15Page - Microchip Technology MCP6S28 Datasheet HTML 16Page - Microchip Technology MCP6S28 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
 2003-2012 Microchip Technology Inc.
DS21117B-page 13
MCP6S21/2/6/8
Note: Unless otherwise indicated, TA =+25°C, VDD = +5.0V, VSS = GND, VREF =VSS, G= +1 V/V,
Input = CH0 = (0.3V)/G, CH1 to CH7 = 0.3V, RL =10 kto VDD/2, and CL = 60 pF.
FIGURE 2-25:
THD plus Noise vs.
Frequency, VOUT = 2 VP-P.
FIGURE 2-26:
Small Signal Pulse
Response.
FIGURE 2-27:
Channel Select Timing.
FIGURE 2-28:
THD plus Noise vs.
Frequency, VOUT = 4 VP-P.
FIGURE 2-29:
Large Signal Pulse
Response.
FIGURE 2-30:
Gain Select Timing.
0.001
0.01
0.1
1
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
Measurement BW = 80 kHz
VOUT = 2 VP-P
VDD = 5.0 V
100
1k
100k
10k
G = +4
G = +1
G = +16
-40
-30
-20
-10
0
10
20
30
40
50
60
70
80
0.00E+00
2.00E-07
4.00E-07
6.00E-07
8.00E-07
1.00E-06
1.20E-06
1.40E-06
1.60E-06
1.80E-06
2.00E-06
Time (200 ns/div)
-250
-200
-150
-100
-50
0
50
100
150
200
250
VDD = +5.0V
VOUT, G = +1
G = +5
G = +32
GVIN
0.25
0.30
0.35
0.40
0.45
0.50
0.55
0.60
0.65
0.00E+00
5.00E-07
1.00E-06
1.50E-06
2.00E-06
2.50E-06
3.00E-06
3.50E-06
4.00E-06
4.50E-06
5.00E-06
Time (500 ns/div)
-20
-15
-10
-5
0
5
10
15
20
5
0
VOUT
(CH0 = 0.6V, G = +1)
VOUT
(CH1 = 0.3V, G = +1)
CS
CS
0.001
0.01
0.1
1
1.E+02
1.E+03
1.E+04
1.E+05
Frequency (Hz)
Measurement BW = 80 kHz
VOUT = 4 VP-P
VDD = 5.0 V
100
1k
100k
10k
G = +4
G = +1
G = +16
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
0.00E+00
5.00E-07
1.00E-06
1.50E-06
2.00E-06
2.50E-06
3.00E-06
3.50E-06
4.00E-06
4.50E-06
5.00E-06
Time (500 ns/div)
-2.5
-1.5
-0.5
0.5
1.5
2.5
3.5
4.5
5.5
6.5
7.5
VDD = +5.0V
GVIN
VOUT, G = +1
G = +5
G = +32
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0.00E+00
5.00E-07
1.00E-06
1.50E-06
2.00E-06
2.50E-06
3.00E-06
3.50E-06
4.00E-06
4.50E-06
5.00E-06
Time (500 ns/div)
-20
-15
-10
-5
0
5
10
15
20
5
0
VOUT
(CH0 = 0.3V, G = +5)
VOUT
(CH0 = 0.3V, G = +1)
CS
CS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com