Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP1253 Datasheet(PDF) 11 Page - Microchip Technology

Part # MCP1253
Description  Low Noise, Positive-Regulated Charge Pump
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1253 Datasheet(HTML) 11 Page - Microchip Technology

Back Button MCP1253 Datasheet HTML 7Page - Microchip Technology MCP1253 Datasheet HTML 8Page - Microchip Technology MCP1253 Datasheet HTML 9Page - Microchip Technology MCP1253 Datasheet HTML 10Page - Microchip Technology MCP1253 Datasheet HTML 11Page - Microchip Technology MCP1253 Datasheet HTML 12Page - Microchip Technology MCP1253 Datasheet HTML 13Page - Microchip Technology MCP1253 Datasheet HTML 14Page - Microchip Technology MCP1253 Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
 2002-2013 Microchip Technology Inc.
DS21752B-page 11
MCP1252/3
5.1
Capacitor Selection
The style and value of capacitors used with the
MCP1252 and MCP1253 family of devices determine
several important parameters such as output voltage
ripple and charge pump strength. To minimize noise
and ripple, it is recommended that low ESR (0.1
)
capacitors be used for both CIN and COUT. These
capacitors should be either ceramic or tantalum and
should be 10 µF or higher. Aluminum capacitors are not
recommended because of their high ESR.
If the source impedance to VIN is very low, up to several
megahertz, CIN may not be required. Alternatively, a
somewhat smaller value of CIN may be substituted for
the recommended 10 µF, but will not be as effective in
preventing ripple on the VIN pin.
The value of COUT controls the amount of output volt-
age ripple present on VOUT. Increasing the size of
COUT will reduce output ripple at the expense of a
slower turn-on time from shutdown and a higher in-rush
current.
The flying capacitor (CFLY) controls the strength of the
charge pump. In order to achieve the maximum rated
output current (120 mA), it is necessary to have at least
1 µF of capacitance for the flying capacitor. A smaller
flying capacitor delivers less charge per clock cycle to
the output capacitor, resulting in lower output ripple.
The output ripple is reduced at the expense of maxi-
mum output current and efficiency.
5.2
Output Voltage Setting
The MCP1252-33X50 and MCP1253-33X50 feedback
controllers select between an internally-set, regulated
output voltage (3.3V or 5.0V). Connect SELECT to
GND for a regulated 5.0V output and connect SELECT
to VIN for a regulated 3.3V output.
The MCP1252-ADJ and MCP1253-ADJ utilize an
external resistor divider that allows the output voltage
to be adjusted between 1.5V and 5.5V. For an adjust-
able output, connect a resistor between VOUT and FB
(R1) and another resistor between FB and GND (R2). In
the following equation, choose R2 to be less than or
equal to 30 k
 and calculate R
1 from the following
formula:
EQUATION
and
EQUATION
Note that the tolerance of the external resistors will
have an effect on the accuracy of the output voltage.
For optimum results, it is recommended that the
external resistors have a tolerance no larger than 1%.
5.3
Recommended Layout
The MCP1252 and MCP1253 family of devices transfer
charge at high switching frequencies, producing fast,
high peak, transient currents. As a result, any stray
inductance in the component layout will produce
unwanted noise in the system. Proper board layout
techniques are required to ensure optimum perfor-
mance. Figure 5-3 depicts the recommended board
layout. The input capacitor connected between VIN and
GND, and the output capacitor connected between
VOUT and GND, are 10 µF ceramic, X7R dielectric, in
1206 packages. The flying capacitor connected
between C+ and C- is a 1 µF ceramic, X7R dielectric in
a 0805 package. The layout is scaled 3:1.
FIGURE 5-3:
Recommended Printed
Circuit Board Layout.
R
1
R
2
V
OUT
V
FB
 1
–

=
V
OU T
V
FB
1R
1
R
2
+

=
where:
VOUT is the desired output voltage from 1.5V to 5.5V
VFB is the internal regulation voltage, nominally 1.21V
PGOOD
VOUT
GND
VIN
C+
C-
SHDN
SELECT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com